Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8053 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8053
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 4 Page - Analog Devices

  LTM8053 Datasheet HTML 1Page - Analog Devices LTM8053 Datasheet HTML 2Page - Analog Devices LTM8053 Datasheet HTML 3Page - Analog Devices LTM8053 Datasheet HTML 4Page - Analog Devices LTM8053 Datasheet HTML 5Page - Analog Devices LTM8053 Datasheet HTML 6Page - Analog Devices LTM8053 Datasheet HTML 7Page - Analog Devices LTM8053 Datasheet HTML 8Page - Analog Devices LTM8053 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4703
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect the device's
reliability and lifetime.
Note 2: The LTM4703 is tested under pulsed load conditions such that TJ
≈ TA. The LTM4703E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization, and correlation with statistical
process controls. The LTM4703I is guaranteed to meet specifications over
the full –40°C to 125°C internal operating temperature range. Note that
the maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with
board layout, the rated package thermal resistance, and other
environmental factors.
Note 3: Not subject to the production test.
Note 4: VOSNS connects directly to VOUT.
Note 5: The EC table test circuits and the test conditions could be different
than typical applications.
Note 6: Adding a capacitor across the SET pin resistor decreases the
output voltage noise. Adding this capacitor bypasses the SET pin resistor’s
thermal noise and the reference current’s noise. The use of a SET pin
bypass capacitor also increases start-up time.
Note 7: See the output current derating curves for different VIN, VOUT, and
TA values in the Typical Performance Characteristics section.
Note 8: SVIN supplies current to the internal circuitry and regulator. SVIN
should be above 4V to achieve regulation of ±1.5% maximum total DC
output voltage error over line, load, and temperature. Also, to provide
sufficient headroom for the SET pin current reference, SVIN must be 0.4V
higher than the desired VOUT.
Note 9: The start-up time is defined as the time it takes from the RUN pin
rising above the RUN threshold to when the VOUT has reached 90% of
final values.
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.
Efficiency vs Load, 12VIN,
fSW = 400kHz
Efficiency vs Load, 12VIN,
fSW = 600kHz
Efficiency vs Load, 12VIN,
fSW = 800kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
65
70
75
80
85
90
95
100
4703 G01
2.75VOUT
1.8VOUT
1.0VOUT
0.75VOUT
0.3VOUT
LOAD CURRENT (A)
0
2
4
6
8
10
12
65
70
75
80
85
90
95
100
4703 G02
2.75VOUT
1.8VOUT
1.0VOUT
0.75VOUT
LOAD CURRENT (A)
0
2
4
6
8
10
12
65
70
75
80
85
90
95
100
4703 G03
2.75VOUT
1.8VOUT
1.0VOUT
0.75VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com