Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5808 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5808
Description  Switching Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5808 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5808 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5808 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5808
No.7079-1/4
Features
•
High breakdown voltage.
•
High speed switching.
•
Wide ASO.
•
Adoption of MBIT process.
Package Dimensions
unit : mm
2045B
Package Dimensions
unit : mm
2044B
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7079
2SC5808
Switching Power Supply Applications
[2SC5808]
O2501 TS IM TA-3412
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4
2.3
2.3
[2SC5808]
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0 to 0.2
2.3
2.3
0.6
12
4
3


Similar Part No. - 2SC5808

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5808 ISC-2SC5808 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC5808 ISC-2SC5808 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
2SC5808-251 ISC-2SC5808-251 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC5808-252 ISC-2SC5808-252 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5808

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
2SK1365 TOSHIBA-2SK1365_09 Datasheet
405Kb / 6P
Switching Power Supply Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com