Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9725 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 4Page - NXP Semiconductors TDA9725 Datasheet HTML 5Page - NXP Semiconductors TDA9725 Datasheet HTML 6Page - NXP Semiconductors TDA9725 Datasheet HTML 7Page - NXP Semiconductors TDA9725 Datasheet HTML 8Page - NXP Semiconductors TDA9725 Datasheet HTML 9Page - NXP Semiconductors TDA9725 Datasheet HTML 10Page - NXP Semiconductors TDA9725 Datasheet HTML 11Page - NXP Semiconductors TDA9725 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1996 Oct 14
8
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
CHARACTERISTICS
VCC =5V; Tamb = +25 °C and typical application (see Figs 1 and 2), unless otherwise specified.
Luminance part: All amplitudes are VBS peak-to-peak values, unless otherwise specified.
Chrominance part: All amplitudes for PAL and NTSC are red values with 75% saturation and chrominance-to-burst ratio
of 2.2 : 1, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
4.5
5.0
5.5
V
IPB
current consumption
(I10 +I29 +I40)
playback mode
140
170
200
mA
IREC
current consumption
(I10 +I29 +I40)
record mode
125
155
185
mA
FM SUPPLY (PIN 10)
IPB
DC playback current
−
22
−
mA
IREC
DC record current
−
12
−
mA
CHROMINANCE SUPPLY (PIN 29)
ICC(C)
DC supply current
playback mode
−
85
−
mA
record mode
−
85
−
mA
LUMINANCE SUPPLY (PIN 40)
IPB
DC playback current
−
63
−
mA
IREC
DC record current
−
57
−
mA
Picture control/edit switch input (pin 1)
V1
DC input voltage
pin open-circuit
−
1.6
−
V
sharp picture
0
−
1.6
V
soft picture
1.6
−
3.2
V
edit mode
4.1
−
5.0
V
Deviation/playback AGC detector input (pin 2)
V2
detection voltage
1.8
2.5
3.2
V
Test pin 2/correlation detector output (pin 3)
VOH
HIGH level output voltage
correlation of Y signal;
pin 37 LOW; RL ≥ 10 kΩ
1.5
2.1
3.0
V
VOL
LOW level output voltage
non-correlation of Y signal
−
0.1
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com