Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9801 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 4Page - NXP Semiconductors TDA9801 Datasheet HTML 5Page - NXP Semiconductors TDA9801 Datasheet HTML 6Page - NXP Semiconductors TDA9801 Datasheet HTML 7Page - NXP Semiconductors TDA9801 Datasheet HTML 8Page - NXP Semiconductors TDA9801 Datasheet HTML 9Page - NXP Semiconductors TDA9801 Datasheet HTML 10Page - NXP Semiconductors TDA9801 Datasheet HTML 11Page - NXP Semiconductors TDA9801 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1999 Aug 26
8
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
∆Vint
internal IF amplitude
difference between picture
and sound carrier
within AGC range
−
0.7
1
dB
GIF
IF gain control
see Fig.6
fPC = 38.9 or 45.75 MHz
64
70
−
dB
fPC = 58.75 MHz
62
68
−
dB
BIF(−3dB)
−3 dB IF bandwidth
upper limit cut-off
frequency
70
100
−
MHz
Ri(dif)
differential input resistance
note 2
1.7
2.2
2.7
k
Ω
Ci(dif)
differential input
capacitance
note 2
1.2
1.7
2.5
pF
VCO and video demodulator; note 3
fVCO(max)
maximum VCO frequency
for carrier regeneration;
f=2fPC
125
130
−
MHz
∆fVCO/∆T
VCO frequency variation
with temperature
free running; IAFC =0;
note 4
−−±20 × 10−6 K−1
VVCO(rms)
VCO voltage swing
(RMS value)
measured between
pins VCO1 and VCO2
fPC = 38.9 MHz
−
120
−
mV
fPC = 45.75 MHz
−
100
−
mV
fPC = 58.75 MHz
−
80
−
mV
fcr(PC)
picture carrier capture
frequency range
negative
1.4
1.8
−
MHz
positive
1.4
1.8
−
MHz
tacq
acquisition time
BL = 60 kHz; note 5
−−
30
ms
Vi(sens)(VIF)(rms)
sensitivity of VIF input
(RMS value)
PLL still locked;
maximum IF gain; note 6
−
50
90
µV
C/N = 10 dB; note 7
−
100
140
µV
Ioffset(TPLL)
offset current at pin TPLL
note 8
−−±2.0
µA
Video amplifier output (sound carrier off): pin VSO
Vo(VSO)(p-p)
VSO output voltage
(peak-to-peak value)
see Fig.5
VP = 5 V
0.90
1.0
1.25
V
VP = 9 V
0.95
1.1
1.25
V
Vsync
sync pulse voltage level
1.35
1.5
1.6
V
Vv(clu)
upper video clipping
voltage level
VP − 1.1 VP − 1
−
V
Vv(cll)
lower video clipping voltage
level
−
0.7
0.9
V
Vo(intc)(rms)
intercarrier output voltage
(RMS value)
sound carrier on; note 9
−
32
−
mV
Ro
output resistance
note 2
−−
10
Ω
Ibias
DC bias current
for internal emitter-follower
at pin VSO
1.8
2.5
−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com