Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30302FAPGP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M30302FAPGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPGP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M30302FAPGP Datasheet HTML 26Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 27Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 28Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 29Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 30Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 31Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 32Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 33Page - Renesas Technology Corp M30302FAPGP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 30 of 53
REJ03B0088-0122
NOTES:
1.
Referenced to VCC1=VCC2=4.2 to 5.5V, VSS = 0V at Topr =
−20 to 85°C / −40 to 85°C, f(XIN)=16MHz unless otherwise
specified.
2.
With one timer operated using fC32.
3.
This indicates the memory in which the program to be executed exists.
Table 5.10
Electrical Characteristics (2) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply Current
(VCC1=VCC2=4.0V to 5.5V)
In single-chip
mode, the output
pins are open and
other pins are VSS
Mask ROM
f(XIN)=16MHz
No division
10
15
mA
One Time
Flash
f(XIN)=16MHz,
No division
10
18
mA
Flash
Memory
f(XIN)=16MHz,
No division
12
18
mA
One Time
Flash
f(XIN)=10MHz,
VCC1=5.0V
15
mA
Flash Memory
Program
f(XIN)=10MHz,
VCC1=5.0V
15
mA
Flash Memory
Erase
f(XIN)=10MHz,
VCC1=5.0V
25
mA
Mask ROM
f(XCIN)=32kHz
Low power dissipation
mode, ROM (3)
25
μA
One Time
Flash
f(XCIN)=32kHz
Low power dissipation
mode, RAM (3)
25
μA
f(XCIN)=32kHz
Low power dissipation
mode, Flash Memory (3)
350
μA
Flash Memory
f(XCIN)=32kHz
Low power dissipation
mode, RAM (3)
25
μA
f(XCIN)=32kHz
Low power dissipation
mode, Flash Memory (3)
420
μA
Mask ROM
One Time Flash
Flash Memory
f(XCIN)=32kHz
Wait mode (2),
Oscillation capability High
7.5
μA
f(XCIN)=32kHz
Wait mode (2),
Oscillation capability Low
2.0
μA
Stop mode
Topr =25
°C
0.8
3.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com