Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9808 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9808
Description  Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9808 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9808 Datasheet HTML 22Page - NXP Semiconductors TDA9808 Datasheet HTML 23Page - NXP Semiconductors TDA9808 Datasheet HTML 24Page - NXP Semiconductors TDA9808 Datasheet HTML 25Page - NXP Semiconductors TDA9808 Datasheet HTML 26Page - NXP Semiconductors TDA9808 Datasheet HTML 27Page - NXP Semiconductors TDA9808 Datasheet HTML 28Page - NXP Semiconductors TDA9808 Datasheet HTML 29Page - NXP Semiconductors TDA9808 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1999 Jun 04
26
Philips Semiconductors
Product specification
Single standard VIF-PLL with QSS-IF and
FM-PLL demodulator
TDA9808
14
VCO1
2.7
15
VCO2
2.7
16
GND
0
17
CVAGC
1.5 to 4.0
18
VP
VP
19
Vi SIF1
3.4
20
Vi SIF2
3.4
PIN
NO.
PIN
SYMBOL
DC VOLTAGE
(V)
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
MHA763
2.8 V
420
Ω
14
420
Ω
50
Ω
15
500
µA
MHA764
17
40
µA
Ib
1.4
µA
75
µA
MHA765
250
µA
3.4 V
800
Ω
100
µA
1.8 V
10 k
Ω
250
µA
+
+
+
5 k
Ω
1.1
k
Ω
1.1
k
Ω
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com