Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204202 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6204202
Description  High Speed LDO Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204202 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6204202 Datasheet HTML 1Page - Torex Semiconductor XC6204202 Datasheet HTML 2Page - Torex Semiconductor XC6204202 Datasheet HTML 3Page - Torex Semiconductor XC6204202 Datasheet HTML 4Page - Torex Semiconductor XC6204202 Datasheet HTML 5Page - Torex Semiconductor XC6204202 Datasheet HTML 6Page - Torex Semiconductor XC6204202 Datasheet HTML 7Page - Torex Semiconductor XC6204202 Datasheet HTML 8Page - Torex Semiconductor XC6204202 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
" Typical Application
" Block Diagram
" Absolute Maximum Ratings
UNITS
V
mA
V
V
SOT-23-5
USP-6B
OC
OC
" Electrical Characteristics (XC6204Bxx2)
Ta=25
OC
MIN
TYP
MAX
UNITS CIRCUIT
× 0.98
VOUT(T)
× 1.02
V1
150
mA
1
15
50
mV
1
mV
mV
75
µA
2
0.3
µA
2
210
V
-
30
µVrms
3
70
dB
4
300
mA
1
50
mA
1
1.6
VIN
V
2
0.25
V
2
-0.1
0.1
µA
2
-0.1
0.1
µA
2
Note
(NOTE 1) VOUT(T)=Specified Output Voltage
(NOTE 2) VOUT(E)=Effective Output Voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE 3) Vdif={VIN1
(NOTE5)-VOUT1(NOTE4)}
(NOTE 4) VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {Vout(T)+1.0V} is input.
(NOTE 5) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 6) VIN is defined as {VIN=VOUT(T)+0.1V} unless specified differently.
en
ICEL
VCE=VSS
SYMBOL
VIN
IOUT
VOUT
VCE
ICEH
Topr
∆VOUT
VCE=VIN
IOUT=30mA
IOUT=30mA
-40
OC
≤Topr≤85OC
300Hz~50kHz
IOUT=50mA, f=10kHz
VOUT(T)+1.0V
≤VIN≤10V
CONDITIONS
IOUT=30mA
1mA
≤IOUT≤100mA
IOUT=30mA
IOUT=100mA
VCE=VIN
VCE=VSS
∆VIN ⋅⋅⋅⋅ VOUT
VIN
∆VOUT
∆Topr ⋅⋅⋅⋅ VOUT
Current Limiter
Short-circuit Current
1
SYMBOL
VOUT (E)
IOUTMAX
∆VOUT
Vdif1
Vdif2
see table next page
Standby Current
Input Voltage
Output Noise
CE "Low" Current
Line Regulation
Output Voltage
Temp. Characteristics
CE "High" Current
Ripple Rejection Rate
CE "High" Voltage
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage
PARAMETER
Pd
-55~+125
CE "Low" Voltage
ISS
Istby
Supply Current
PSRR
VCEH
VCEL
Tstg
VSS-0.3~VIN+0.3
150
Power Dissipation
CE Input Voltage
Operating Ambient Temperature
VSS-0.3~VIN+0.3
-40~+85
Storage Temperature
mW
100
PARAMETER
Input Voltage
Output Current
Output Voltage
RATINGS
12
500
XC6204 Series
High Speed LDO Regulators
100
ppm /
OC
1
0.01
0.20
% / V
1
Ilim
Ishort
VIN
CE
VSS
VOUT
VSS
VOUT
VIN
Current
Limiter
ON/OFF
Control
Voltage
Reference
each circuit
CE
R2
R1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com