Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4AV16F Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 4AV16F
Description  Installation Instructions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

4AV16F Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  4AV16F Datasheet HTML 1Page - Honeywell Solid State Electronics Center 4AV16F Datasheet HTML 2Page - Honeywell Solid State Electronics Center 4AV16F Datasheet HTML 3Page - Honeywell Solid State Electronics Center 4AV16F Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Installation Instructions for the
ISSUE 2
4AV Series Vane Sensors
PK 87605
Sensing and Control
PERSONAL INJURY
DO NOT USE these products as safety or
emergency stop devices or in any other application
where failure of the product could result in personal
injury.
Failure to comply with these instructions could
result in death or serious injury.
GENERAL INFORMATION
4AV Hall effect vane sensors include a Hall effect
sensor and a magnet in a common package. They
are operated by passing a ferrous vane through the
gap between the magnet and the sensor.
With no vane in the gap, the output is Operated
(conducting). With the vane in the gap, the output is
Released (non-conducting). The vane actuator is
annealed low carbon cold rolled steel, type AISI
1018 or lower in carbon. Minimum recommended
vane dimensions are required to ensure operating
characteristics will be met.
ELECTRICAL CHARACTERISTICS
Catalog
Listing
Termination
Lead
Length
Supply
Voltage
All Listings
Supply
Current
All Listings
Output
Voltage
All listings
Output
Sink Current
All listings
4AV15F
24 AWG Wire
5.50
± 0.25
4AV16F
24 AWG Wire
7.45
± 0.25
4AV17F
24 AWG Wire
13.15
± 0.50
18.5 mA Max
@ -40
°C
15.25 mA typical
0.4 V Max
@125
°C
0.1 typical
4AV18F
24 AWG Wire
18.15
± 0.50
4AV19F
24 AWG Wire
22.00
± 0.50
4AV20F
.015 X .025 PCB
0.140
4AV20F-T1*
.025 X .025
Connector
AMP Terminal
Block 103323-4
4AV20F-T2**
.025 X .025
Connector
Molex Terminal
Block 22-05-3041
4.5 VDC
through
26.5 VDC
11.75 mA
@25
°C
typical
0.075 V
@25
°C typical
40 mA Max
Dual output
sink currents
are summed
to reach total.
*Will mate with AMP Connector Housing 87499-8, not supplied
**Will mate with Molex Connector Housing 2695/6471, not supplied
VANE DIMENSIONS (mm/in)
Thickness
Min.
Window
Min.
Tooth
Min. Tooth
Depth
1,0/0.4
10,2/.40
10,2/.40
9,27/.365
1,6/.06
10,2/.40
6,3/.25
9,27/.365


Similar Part No. - 4AV16F

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
4AV11A HONEYWELL-4AV11A Datasheet
76Kb / 1P
Vane operated position sensor
4AV11C HONEYWELL-4AV11C Datasheet
76Kb / 1P
Vane operated position sensor
4AV12A HONEYWELL-4AV12A Datasheet
76Kb / 1P
Vane operated position sensor
4AV12C HONEYWELL-4AV12C Datasheet
76Kb / 1P
Vane operated position sensor
More results

Similar Description - 4AV16F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
3M Electronics
3316 3M-3316 Datasheet
1Mb / 4P
Instructions for the installation of 3316 Universal Press
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
Honeywell Accelerometer...
GLLA01C HONEYWELL-ACC-GLLA01C Datasheet
506Kb / 5P
Installation Instructions for the GLL Series Limit Switch
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
Simple installation (mounting hardware and instructions included
logo
Emerson Network Power
GLQ110 EMERSON-NETWORKPOWER-GLQ110 Datasheet
12Mb / 109P
GLQ110 Series Installation & Operating Instructions
Rev 2 12/29/09
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com