Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8C2E
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8C2E Datasheet HTML 1Page - Renesas Technology Corp R8C2E Datasheet HTML 2Page - Renesas Technology Corp R8C2E Datasheet HTML 3Page - Renesas Technology Corp R8C2E Datasheet HTML 4Page - Renesas Technology Corp R8C2E Datasheet HTML 5Page - Renesas Technology Corp R8C2E Datasheet HTML 6Page - Renesas Technology Corp R8C2E Datasheet HTML 7Page - Renesas Technology Corp R8C2E Datasheet HTML 8Page - Renesas Technology Corp R8C2E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
How to Use This Manual
1.
Purpose and Target Readers
This manual is designed to provide the user with an understanding of the hardware functions and electrical
characteristics of the MCU. It is intended for users designing application systems incorporating the MCU. A basic
knowledge of electric circuits, logical circuits, and MCUs is necessary in order to use this manual.
The manual comprises an overview of the product; descriptions of the CPU, system control functions, peripheral
functions, and electrical characteristics; and usage notes.
Particular attention should be paid to the precautionary notes when using the manual. These notes occur
within the body of the text, at the end of each section, and in the Usage Notes section.
The revision history summarizes the locations of revisions and additions. It does not list all revisions. Refer
to the text of the manual for details.
The following documents apply to the R8C/2E Group, R8C/2F Group. Make sure to refer to the latest versions of
these documents. The newest versions of the documents listed may be obtained from the Renesas Technology Web
site.
Document Type
Description
Document Title
Document No.
Datasheet
Hardware overview and electrical characteristics R8C/2E, R8C/2F
Group Datasheet
REJ03B0222
Hardware manual Hardware specifications (pin assignments,
memory maps, peripheral function
specifications, electrical characteristics, timing
charts) and operation description
Note: Refer to the application notes for details on
using peripheral functions.
R8C/2E Group,
R8C/2F Group
Hardware Manual
This hardware
manual
Software manual
Description of CPU instruction set
R8C/Tiny Series
Software Manual
REJ09B0001
Application note
Information on using peripheral functions and
application examples
Sample programs
Information on writing programs in assembly
language and C
Available from Renesas
Technology Web site.
Renesas
technical update
Product specifications, updates on documents,
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com