Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62023FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M62023FP
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M62023FP Datasheet HTML 5Page - Renesas Technology Corp M62023FP Datasheet HTML 6Page - Renesas Technology Corp M62023FP Datasheet HTML 7Page - Renesas Technology Corp M62023FP Datasheet HTML 8Page - Renesas Technology Corp M62023FP Datasheet HTML 9Page - Renesas Technology Corp M62023FP Datasheet HTML 10Page - Renesas Technology Corp M62023FP Datasheet HTML 11Page - Renesas Technology Corp M62023FP Datasheet HTML 12Page - Renesas Technology Corp M62023FP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 9 of 12
Output Current vs.
Difference Between Input and Output Voltages
Difference Between Input and Output Voltages vs.
Ambient Temperature
Difference between input
and output voltages VDROP (mV)
0
20
40
60
80
0
50
100
150
200
100
250
VIN = 3V
Ambient temperature Ta (°C)
-20
0
20 40 60 80 100
400
350
300
250
200
150
100
50
0
VIN = 3V
IOUT=100mA
IOUT=80mA
IOUT=50mA
Backup Di forward direction voltage VF (V)
Backup Di Forward Direction Current vs. Voltage
0 0.1 0.20.3 0.40.5 0.6 0.7 0.8
0
20
40
60
80
100
120
140
160
Ambient temperature Ta (°C)
Backup Di Forward Direction Voltage vs.
Ambint Temperature
0
-20
0
20 40 60 80 100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IF=100µA
IF=10µA
IF=1µA
Ambient temperature Ta (°C)
RES "L" Output Voltage vs .
Ambient Temperature
0
-20
0
20 40 60 80 100
10
20
30
40
50
60
70
80
VIN=3V
Isink =1mA
Ambient temperature Ta (°C)
RES "L" Output Voltage vs.
Ambient Temperature
0
-20
0
20 40 60 80 100
10
20
30
40
50
60
70
80
VIN=2V
Isink =1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com