Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5295AL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M5295AL
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AL Datasheet(HTML) 1 Page - Renesas Technology Corp

  M5295AL Datasheet HTML 1Page - Renesas Technology Corp M5295AL Datasheet HTML 2Page - Renesas Technology Corp M5295AL Datasheet HTML 3Page - Renesas Technology Corp M5295AL Datasheet HTML 4Page - Renesas Technology Corp M5295AL Datasheet HTML 5Page - Renesas Technology Corp M5295AL Datasheet HTML 6Page - Renesas Technology Corp M5295AL Datasheet HTML 7Page - Renesas Technology Corp M5295AL Datasheet HTML 8Page - Renesas Technology Corp M5295AL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 1 of 12
M5295AL/AP/AFP
Watchdog Timer
REJ03D0780-0200
Rev.2.00
Jun 15, 2007
Description
M5295A is a semiconductor integrated circuit which is designed for system reset to detect +5 V power supply.
This IC keeps the operation microcomputer watching. When the system is abnormal, it generates reset output until the
system returns to normal states of the system.
It is possible to vary the two detective voltage by connecting the resistor, so it is suitable to high quality and high
performance system.
Features
• Watchdog timer
• Power on reset timer
• Low circuit current: 0.8 mA (Typ, V
CC = 5 V)
• Wide supply voltage range: V
CC(max) = 15 V
Application
• Microcomputer system
Recommended Operating Condition
• Supply voltage range: 4 V to 15 V
• Rated supply voltage: 5 V
Block Diagram
WD
1
TC
2
GND
4
RST1
3
ADJ1
5
RST2
7
VCC
6
ADJ2
8
30k
1.24V
20k
18.8k
51.2k
20.4k
+
–
+
–
+
–
+
–
F.F
F.F
F.F
W.D.T
Reference voltage
generator circuit
49.6k


Similar Part No. - M5295AL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
More results

Similar Description - M5295AL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
20-Jan-1998
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
Watchdog Timer
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com