Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013DP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013DP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013DP Datasheet(HTML) 18 Page - Texas Instruments

Back Button LT1013DP Datasheet HTML 14Page - Texas Instruments LT1013DP Datasheet HTML 15Page - Texas Instruments LT1013DP Datasheet HTML 16Page - Texas Instruments LT1013DP Datasheet HTML 17Page - Texas Instruments LT1013DP Datasheet HTML 18Page - Texas Instruments LT1013DP Datasheet HTML 19Page - Texas Instruments LT1013DP Datasheet HTML 20Page - Texas Instruments LT1013DP Datasheet HTML 21Page - Texas Instruments LT1013DP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
single-supply operation
The LT1013 is fully specified for single-supply operation (VCC− = 0). The common-mode input voltage range
includes ground, and the output swings to within a few millivolts of ground.
Furthermore, the LT1013 has specific circuitry that addresses the difficulties of single-supply operation, both
at the input and at the output. At the input, the driving signal can fall below 0 V, either inadvertently or on a
transient basis. If the input is more than a few hundred millivolts below ground, the LT1013 is designed to deal
with the following two problems that can occur:
1.
On many other operational amplifiers, when the input is more than a diode drop below ground, unlimited
current flows from the substrate (VCC− terminal) to the input, which can destroy the unit. On the LT1013,
the 400-
Ω resistors in series with the input [see schematic (each amplifier)] protect the device, even
when the input is 5 V below ground.
2.
When the input is more than 400 mV below ground (at TA = 25°C), the input stage of similar operational
amplifiers saturates, and phase reversal occurs at the output. This can cause lockup in servo systems.
Because of unique phase-reversal protection circuitry (Q21, Q22, Q27, and Q28), the LT1013 outputs
do not reverse, even when the inputs are at −1.5 V (see Figure 24).
This phase-reversal protection circuitry does not function when the other operational amplifier on the LT1013
is driven hard into negative saturation at the output. Phase-reversal protection does not work on amplifier 1
when amplifier 2 output is in negative saturation nor on amplifier 2 when amplifier 1 output is in negative
saturation.
At the output, other single-supply designs either cannot swing to within 600 mV of ground or cannot sink more
than a few microamperes while swinging to ground. The all-npn output stage of the LT1013 maintains its low
output resistance and high-gain characteristics until the output is saturated. In dual-supply operations, the
output stage is free of crossover distortion.
(a) VI(PP) = −1.5 V TO 4.5 V
(b) OUTPUT PHASE REVERSAL
EXHIBITED BY LM358
(c) NO PHASE REVERSAL
EXHIBITED BY LT1013
−1
0
1
2
3
4
5
−1
0
1
2
3
4
5
−1
0
1
2
3
4
5
−2
Figure 24. Voltage-Follower Response With Input Exceeding
the Negative Common-Mode Input Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com