Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62050P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62050P
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62050P Datasheet HTML 2Page - Renesas Technology Corp M62050P Datasheet HTML 3Page - Renesas Technology Corp M62050P Datasheet HTML 4Page - Renesas Technology Corp M62050P Datasheet HTML 5Page - Renesas Technology Corp M62050P Datasheet HTML 6Page - Renesas Technology Corp M62050P Datasheet HTML 7Page - Renesas Technology Corp M62050P Datasheet HTML 8Page - Renesas Technology Corp M62050P Datasheet HTML 9Page - Renesas Technology Corp M62050P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 6 of 11
1. Pin(2) (TC pin) charge time and discharge time
When input to WD pin is abnormal, TC pin output waveform is as shown below:
0V
TC
4
5
tWD
tRST(1)
tRST(2)
⋅ VCC
2
5
⋅ VCC
tRST(1) = 0.51 ⋅ C ⋅ R1
tWD = 1.1 ⋅ C ⋅ R1 (charge time)
tRST(2) = 1000 ⋅ C ⋅ ln
(discharge time)
VCC
2
C
R1
R1
1000
4
5
+ 1
⋅
⋅ VCC – VCC
R1
1000
2
5
2
5
VCC ⋅
– VCC –
VCC
∗ Please set it within the range
of 10k
Ω ≤ R1 ≤ 30kΩ.
Figure 3
Please set the time of tWD and tRST(2) within the following range.
110
µs ≤ t
WD ≤ 1.1 s
8.3
µs ≤ t
RST(2) ≤ 83 ms
2. Pin (1) (WD pin) input frequency, input pulse width, charge time and discharge time
When input to WD pin is normal, TC pin output waveform is as shown below:
t1
tWDIN
t2
(VCC = 3V)
(charge time)
t2 = 1000 ⋅ C ⋅ ln
(discharge time)
t1 = C ⋅ R1 ⋅ ln
R1
1000
+ 1)
⋅ x – VCC
(
R1
1000
2
5
2
5
– (VCC –VCC)
VCC ⋅
VCC – x
2
5
VCC –VCC
xV
Pin (2)
Input
4
5
⋅ VCC)
(=
2.4V
2
5
⋅ VCC)
(=
1.2V
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com