Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC76CT-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # 93LC76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76CT-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button 93LC76CT-E/MS Datasheet HTML 13Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 14Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 15Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 16Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 19Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 20Page - Microchip Technology 93LC76CT-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 17
93XX46X/56X/66X/76X/86X
4.0
PIN DESCRIPTIONS
TABLE 4-1:
PIN DESCRIPTIONS
4.1
Chip Select (CS)
A high level selects the device; a low level deselects
the device and forces it into Standby mode. However, a
programming cycle which is already in progress will be
completed, regardless of the Chip Select (CS) input
signal. If CS is brought low during a program cycle, the
device will go into Standby mode as soon as the
programming cycle is completed.
CS must be low for 250 ns minimum (TCSL) between
consecutive instructions. If CS is low, the internal
control logic is held in a Reset status.
4.2
Serial Clock (CLK)
The Serial Clock is used to synchronize the communi-
cation between a master device and the 93XX series
device. Opcodes, address and data bits are clocked in
on the positive edge of CLK. Data bits are also clocked
out on the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at high or low level) and can be continued
anytime with respect to Clock High Time (TCKH) and
Clock Low Time (TCKL). This gives the controlling mas-
ter freedom in preparing opcode, address and data.
CLK is a “don't care” if CS is low (device deselected). If
CS is high, but the Start condition has not been
detected (DI = 0), any number of clock cycles can be
received by the device without changing its status (i.e.,
waiting for a Start condition).
CLK cycles are not required during the self-timed Write
(i.e., auto Erase/Write) cycle.
After detection of a Start condition the specified number
of clock cycles (respectively low-to-high transitions of
CLK) must be provided. These clock cycles are
required to clock in all required opcode, address and
data bits before an instruction is executed. CLK and DI
then become “don't care” inputs waiting for a new Start
condition to be detected.
4.3
Data In (DI)
Data In (DI) is used to clock in a Start bit, opcode,
address and data synchronously with the CLK input.
4.4
Data Out (DO)
Data Out (DO) is used in the Read mode to output data
synchronously with the CLK input (TPD after the
positive edge of CLK).
This pin also provides Ready/Busy status information
during Erase and Write cycles. Ready/Busy status
information is available on the DO pin if CS is brought
high after being low for minimum Chip Select Low Time
(TCSL) and an erase or write operation has been
initiated.
The Status signal is not available on DO, if CS is held
low during the entire Erase or Write cycle. In this case,
DO is in the High-Z mode. If status is checked after the
Erase/Write cycle, the data line will be high to indicate
the device is ready.
Name
SOIC/PDIP/MSOP/
TSSOP/DFN
SOT-23
Function
CS
1
5
Chip Select
CLK
2
4
Serial Clock
DI
3
3
Data In
DO
4
1
Data Out
VSS
5
2
Ground
ORG
6N/A
Organization (93XX46C/56C/66C/76C/86C)
NC(1)
No connect on 93XXA/B devices
PE
7N/A
Program Enable (93XX76C/86C)
NC(1)
No connect on 93XXA/B devices
VCC
8
6
Power Supply
Note 1: With no internal connection, logic levels on NC pins are “don’t cares.”
Note:
After the Read cycle is complete, issuing a
Start bit and then taking CS low will clear
the Ready/Busy status from DO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com