Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62050FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62050FP
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62050FP Datasheet HTML 1Page - Renesas Technology Corp M62050FP Datasheet HTML 2Page - Renesas Technology Corp M62050FP Datasheet HTML 3Page - Renesas Technology Corp M62050FP Datasheet HTML 4Page - Renesas Technology Corp M62050FP Datasheet HTML 5Page - Renesas Technology Corp M62050FP Datasheet HTML 6Page - Renesas Technology Corp M62050FP Datasheet HTML 7Page - Renesas Technology Corp M62050FP Datasheet HTML 8Page - Renesas Technology Corp M62050FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 4 of 11
Operating Description
Timing Chart 1 (When the delay capacitor is not connected with Ct1 pin)
0V
(2)(3)
(4)
(5)
(6)
(7) (8)
(9)
(10) (11)
(1)
tRST(2)
VCC
0V
VTH2(H)
VTH1(H)
VTH2(L)
VTH1(L)
VTH1
VTH3(H)
Power ON
reset timer
VTH3(L)
TC
WD
0V
0V
0V
RST1
RST2
tRST(1)
tWD
The VCC rises up to 0.8 V, then RST1 and RST2 generates low output, and rising up to 2.2 V(VTH1(H)), charge
of C1 begins.
The VCC rises up to 2.5 V(VTH2(H)), then RST2 generates high.
The voltage at TC pin is 1.2 V(VTH3(L) = 2/5 VCC), then RST2 generates high, when 2.4 V(VTH3(H) = 4/5 VCC),
C1 is discharged and
RST1 generates low.
The voltage at TC pin falls to 1.2 V, then
RST1 generates high unless normal clock signal is entered to WD
pin,
RST1 repeats this operation.
Before the voltage at TC pin reaches 4 V, if normal clock signal is entered to WD pin, low
RST1 is canceled.
In the case of entrance of abnormal signal input, as the waveform of TC pin repeats charge and discharge of
RST1 alternatively, the RST1 repeats high and low output operation.
The VCC falls to 2.5 V(VTH2(L)), then RST2 generates low, this detective voltage has a 50 mV hysteresis.
When VCC goes down to 2.2 V(VTH1(L)), the status of TC pin is switched to discharge. When the potentional at
TC pin is detected being VTH3(H) or VTH3(L), the status of RST1 becomes "low".
(This detective voltage has a 50 mV hysteresis.)
Terminology
tRST(1) :
tWD
:
tRST(2) :
tdRST(1) :
Time required for TC pin potential to rise from 0 V VTH3(L) when VCC is being applied.
Time required for TC pin potential to rise from VTH3(L) to VTH3(H).
Time required for TC pin potential to go down from VTH3(H) to VTH3(L).
Time required for delay of charge with TC pin when VCC is impressed by connecting capacitor with Ct1 pin between GND.
(1):
(2):
(3), (4):
(5):
(6), (7):
(8), (9):
(10):
(11):
Figure 1 Timing Chart 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com