Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013DIP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013DIP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013DIP Datasheet(HTML) 23 Page - Texas Instruments

Back Button LT1013DIP Datasheet HTML 19Page - Texas Instruments LT1013DIP Datasheet HTML 20Page - Texas Instruments LT1013DIP Datasheet HTML 21Page - Texas Instruments LT1013DIP Datasheet HTML 22Page - Texas Instruments LT1013DIP Datasheet HTML 23Page - Texas Instruments LT1013DIP Datasheet HTML 24Page - Texas Instruments LT1013DIP Datasheet HTML 25Page - Texas Instruments LT1013DIP Datasheet HTML 26Page - Texas Instruments LT1013DIP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1
LT1013
LT1013
LT1013
LT1013
To Input
Cable Shields
RG (2 k
Ω Typ)
200 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω†
10 k
Ω†
10 k
Ω†
OUT
5 V
10 k
Ω†
20 k
W
5 V
20 k
W
200 k
Ω†
5 V
IN−
IN+
1
µF
‡
‡
‡
‡
−
−
−
−
+
+
+
+
2
3
10
9
13
12
14
4
11
7
6
5
8
† 1% film resistor. Match 10-kΩ resistors to within 0.05%.
‡ For high source impedances, use 2N2222 diodes.
NOTE A:
AVD = (400,000/RG) + 1
Figure 33. 5-V Precision Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com