Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5291P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M5291P
Description  DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5291P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M5291P Datasheet HTML 1Page - Renesas Technology Corp M5291P Datasheet HTML 2Page - Renesas Technology Corp M5291P Datasheet HTML 3Page - Renesas Technology Corp M5291P Datasheet HTML 4Page - Renesas Technology Corp M5291P Datasheet HTML 5Page - Renesas Technology Corp M5291P Datasheet HTML 6Page - Renesas Technology Corp M5291P Datasheet HTML 7Page - Renesas Technology Corp M5291P Datasheet HTML 8Page - Renesas Technology Corp M5291P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03D0841-0300 Rev.3.00 Jun 15, 2007
Page 1 of 9
M5291P/FP
DC/DC Converter
REJ03D0841-0300
Rev.3.00
Jun 15, 2007
Description
M5291 is a semiconductor integrated circuit which is designed for switching regulator control. The device consists of a
comparator, controlled pulse width oscillator (with peak current protection circuit), temperature compensated reference,
and high current output switch.
Especially, this IC was designed for Step-Down and Step-Up and Voltage-Inverting applications.
Features
• Wide supply voltage range: 2.5 to 40 V
• Low dissipation current: 1.4 mA
• Wide range of output
Voltage adjust: 1.17 to 40 V
• Output switch current: 200 mA
• Wide range of switching frequency: 100 Hz to 100 kHz
• Built-in peak current protection circuit
Application
General power supply system
Block Diagram
+
−
1
2
3
4
5
6
7
8
QS
R
Oscillator
1.17 V
Reference
Comparator
Comparator
input
VCC
Peak current
sense
Driver
Switch
collector
Switch
emitter
Timing
capacitor
Ground


Similar Part No. - M5291P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5291P MITSUBISHI-M5291P Datasheet
134Kb / 6P
DC-DC CONVERTER
More results

Similar Description - M5291P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com