Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4077-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4077-2
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 17Page - Analog Devices ADA4077-2 Datasheet HTML 18Page - Analog Devices ADA4077-2 Datasheet HTML 19Page - Analog Devices ADA4077-2 Datasheet HTML 20Page - Analog Devices ADA4077-2 Datasheet HTML 21Page - Analog Devices ADA4077-2 Datasheet HTML 22Page - Analog Devices ADA4077-2 Datasheet HTML 23Page - Analog Devices ADA4077-2 Datasheet HTML 24Page - Analog Devices ADA4077-2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
APPLICATIONS INFORMATION
analog.com
Rev. F | 23 of 25
analog components in the path, such as op amps, references, and
data converters. To help system designers predict the long-term
drift of circuits that use the ADA4077-1/ADA4077-2/ADA4077-4,
Analog Devices measured the offset voltage of multiple units
for 10,000 hours (more than 13 months) using a high precision
measurement system, including an ultrastable oil bath. To replicate
real-world system performance, the devices under test (DUTs) were
soldered onto an FR4 PCB using a standard reflow profile (as
defined in the JEDEC J-STD-020D standard), as opposed to testing
them in sockets. This manner of testing is important because
expansion and contraction of the PCB can apply stress to the
integrated circuit (IC) package and contribute to shifts in the offset
voltage.
The ADA4077-1/ADA4077-2/ADA4077-4 have extremely low long-
term drift (LTD). Figure 71 shows the LTD of the ADA4077-1 (SOIC
package). The red, blue, and green traces show sample units. Note
that the mean drift over 10,000 hours is less than 0.5 µV, or less
than 2% of their maximum specified offset voltage of 25 µV at room
temperature.
Figure 71. Measured Long-Term Drift of the ADA4077-1/ADA4077-2/
ADA4077-4 Offset Voltage over 10,000 Hours
TEMPERATURE HYSTERESIS
In addition to stability over time as described in the Long-Term Drift
section, it is useful to know the temperature hysteresis, that is,
the stability vs. cycling of temperature. Hysteresis is an important
parameter because it tells the system designer how closely the
signal returns to its starting amplitude after the ambient temperature
changes and subsequent return to room temperature. Figure 72
shows the change in input offset voltage as the temperature cycles
three times from room temperature to 125°C to −40°C and back
to room temperature. The dotted line is an initial preconditioning
cycle to eliminate the original temperature-induced offset shift from
exposure to production solder reflow temperatures. In the three full
cycles, the offset hysteresis is typically only 1 µV, or 1.5% of its
65 µV maximum offset voltage over the full operating temperature
range. The histogram in Figure 73 shows that the hysteresis is
larger when the device is cycled through only a half cycle, from
room temperature to 125°C and back to room temperature.
Figure 72. Change in Offset Voltage over Three Full Temperature Cycles
Figure 73. Histogram Showing the Temperature Hysteresis of the Offset
Voltage over Three Full Cycles and over Three Half Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com