Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4077-1ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4077-1ARMZ
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ Datasheet(HTML) 2 Page - Analog Devices

  ADA4077-1ARMZ Datasheet HTML 1Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 2Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 3Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 4Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 5Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 6Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 7Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 8Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
TABLE OF CONTENTS
analog.com
Rev. F | 2 of 25
Features................................................................ 1
Applications........................................................... 1
Pin Connection Diagrams......................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics, ±5 V...........................3
Electrical Characteristics, ±15 V.........................4
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
ESD Caution.......................................................6
Pin Configurations and Function Descriptions.......7
Typical Performance Characteristics................... 10
Test Circuit...........................................................20
Theory of Operation.............................................21
Applications Information...................................... 22
Output Phase Reversal.................................... 22
Low Power Linearized RTD..............................22
Proper Board Layout........................................ 22
Long-Term Drift.................................................22
Temperature Hysteresis................................... 23
Outline Dimensions............................................. 24
Ordering Guide.................................................25
REVISION HISTORY
8/2022—Rev. E to Rev. F
Changes to General Description Section.........................................................................................................1
Deleted Figure 4, Renumbered Sequentially................................................................................................... 1
Changes to Output Voltage High Parameter and Output Voltage Low Parameter, Table 2............................. 3
Changes to Output Voltage High Parameter and Output Voltage Low Parameter, Table 3............................. 4
Changes to Typical Performance Characteristics Section............................................................................. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com