Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8657 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8657
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8657 Datasheet HTML 19Page - Analog Devices AD8657 Datasheet HTML 20Page - Analog Devices AD8657 Datasheet HTML 21Page - Analog Devices AD8657 Datasheet HTML 22Page - Analog Devices AD8657 Datasheet HTML 23Page - Analog Devices AD8657 Datasheet HTML 24Page - Analog Devices AD8657 Datasheet HTML 25Page - Analog Devices AD8657 Datasheet HTML 26Page - Analog Devices AD8657 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 23 of 33
COMMON-MODE VOLTAGE (V)
–5
–4
–3
–2
–1
0
1
2
3
4
5
1000
–1000
–800
–600
–400
–200
0
200
400
600
800
VSY = ±5V
+85°C
+125°C
+25°C
–40°C
Figure 75. Input Bias Current vs. Common-Mode Voltage (VCM) and
Temperature, VSY = ±5 V
FREQUENCY (kHz)
0.001
0.01
100
10
1
0.1
10
0.1
1
VSY = ±15V
VSY = ±5V
Figure 76. Current Noise Density vs. Frequency, VSY = ±5 V and VSY = ±15 V
45
20
25
30
35
40
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = ±5V
Figure 77. Output Short-Circuit Sourcing Current vs. Temperature, VSY = ±5 V
COMMON-MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
3000
–2000
–1000
–1000
0
1000
2000
VSY = ±15V
+85°C
+125°C
+25°C
–40°C
Figure 78. Input Bias Current vs. Common-Mode Voltage (VCM) and
Temperature, VSY = ±15 V
FREQUENCY (kHz)
0.01
100
10
1
0.1
–90
–150
–140
–130
–120
–110
–100
VSY = ±15V
VIN = 10V p-p
AV = +1000
RL = 2kΩ
Figure 79. Channel Separation vs. Frequency, VSY = ±15 V
60
30
35
40
45
50
55
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = ±15V
Figure 80. Output Short-Circuit Sourcing Current vs. Temperature, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com