Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7980
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7980 Datasheet HTML 16Page - Analog Devices AD7980 Datasheet HTML 17Page - Analog Devices AD7980 Datasheet HTML 18Page - Analog Devices AD7980 Datasheet HTML 19Page - Analog Devices AD7980 Datasheet HTML 20Page - Analog Devices AD7980 Datasheet HTML 21Page - Analog Devices AD7980 Datasheet HTML 22Page - Analog Devices AD7980 Datasheet HTML 23Page - Analog Devices AD7980 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 20 of 24
APPLICATIONS INFORMATION
SLEW ENHANCEMENT
The ADA4806-1 has an internal slew enhancement circuit that
increases the slew rate as the feedback error voltage increases.
This circuit allows the amplifier to settle a large step response
faster, as shown in Figure 57. This is useful in ADC applications
where multiple input signals are multiplexed. The impact of the
slew enhancement can also be seen in the large signal frequency
response, where larger input signals cause a slight increase in
peaking, as shown in Figure 58.
TIME (ns)
50
40
30
20
10
0
100
90
80
70
60
VOUT = 500mV p-p
–0.5
–1.0
–1.5
0.5
0
1.0
1.5
VOUT = 2V p-p
VOUT = 1V p-p
VS = ±2.5V
G = +1
RL = 2kΩ
Figure 57. Step Response with Selected Output Steps
–6
–5
–4
–3
–2
–1
0
1
2
FREQUENCY (Hz)
VS = ±2.5V
G = +1
RL = 2kΩ
VIN = 400mV p-p
VIN = 100mV p-p
VIN = 200mV p-p
100k
1M
10M
100M
VIN = 632mV p-p
VIN = 2V p-p
Figure 58. Peaking in Frequency Responses as Signal Level Changes, G = +1
EFFECT OF FEEDBACK RESISTOR ON FREQUENCY
RESPONSE
The amplifier input capacitance and feedback resistor form a
pole that, for larger value feedback resistors, can reduce phase
margin and contribute to peaking in the frequency response.
Figure 59 shows the peaking for selected feedback resistors (RF)
when the amplifier is configured in a gain of +2. Figure 59 also
shows how peaking can be mitigated with the addition of a
small value capacitor placed across the feedback resistor of the
amplifier.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
FREQUENCY (Hz)
100k
1M
10M
100M
RF = 1kΩ
RF = 2.6kΩ
RF = 2.6kΩ, CF = 1pF
RF = 4.99kΩ
RF = 4.99kΩ, CF = 1pF
VS = ±2.5V
G = +2
RL = 2 kΩ
VIN = 20mV p-p
Figure 59. Peaking in Frequency Response at Selected RF Values
COMPENSATING PEAKING IN LARGE SIGNAL
FREQUENCY RESPONSE
At high frequency, the slew enhancement circuit can contribute to
peaking in the large signal frequency response. Figure 59 shows the
effect of a feedback capacitor on the small signal response, whereas
Figure 60 shows that the same technique is effective for reducing
peaking in the large signal response.
–15
–12
–9
–6
–3
0
3
6
FREQUENCY (Hz)
VS = ±2.5V
G = +2
RL = 2 kΩ
VIN = 632mV p-p
RF = 2.6kΩ, CF = 0pF
RF = 1kΩ, CF = 0pF
RF = 2.6kΩ, CF = 2.7pF
RF = 1 kΩ, CF = 2 pF
100k
1M
10M
100M
Figure 60. Peaking Mitigation in Large Signal Frequency Response
DRIVING LOW POWER, HIGH RESOLUTION
SUCCESSIVE APPROXIMATION REGISTER (SAR)
ADCs
The ADA4806-1 is ideal for driving low power, high resolution
SAR ADCs. The 5.9 nV/√Hz input voltage noise and rail-to-rail
output stage of the ADA4806-1 help minimize distortion at
large output levels. With its low power of 500 µA, the amplifier
consumes power that is compatible with low power SAR ADCs,
which are usually in the microwatt (µW) to low milliwatt (mW)
range. Furthermore, the ADA4806-1 supports a single-supply
configuration; the input common-mode range extends to 0.1 V
below the negative supply, and 1 V below the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com