Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8628 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8628
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8628 Datasheet HTML 19Page - Analog Devices AD8628 Datasheet HTML 20Page - Analog Devices AD8628 Datasheet HTML 21Page - Analog Devices AD8628 Datasheet HTML 22Page - Analog Devices AD8628 Datasheet HTML 23Page - Analog Devices AD8628 Datasheet HTML 24Page - Analog Devices AD8628 Datasheet HTML 25Page - Analog Devices AD8628 Datasheet HTML 26Page - Analog Devices AD8628 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
THEORY OF OPERATION
analog.com
Rev. G | 23 of 33
high ambient temperature, a high supply voltage, and/or high output
currents. As specified in Table 5, take care to maintain the junction
temperature below 150°C.
Two conditions affect junction temperature (TJ): the total power
dissipation of the device (PD) and the ambient temperature sur-
rounding the package (TA). Use the following equation to estimate
the approximate junction temperature:
TJ=PD×θJA+TA
(1)
where θJA is the thermal resistance between the die and the
ambient environment, as shown in Table 6.
The total power dissipation is the sum of quiescent power of the
device and the power required to drive a load for all channels of
an amplifier. The power dissipation per amplifier (PD_PER_AMP) for
sourcing a load is shown in Equation 2.
PD_PER_AMP= VSY+−VSY− ×ISY_PER_AMP
+IOUT× VSY+−VOUT
(2)
When sinking current, replace (VSY+ − VOUT) in Equation 2 with
(VOUT − VSY−).
Also, take note to include the power dissipation of all channels of
the amplifier when calculating the total power dissipation for the
ADA4522-1/ADA4522-2/ADA4522-4.
The thermal shutdown circuitry does not guarantee the device to
be free of permanent damage if the junction temperature exceeds
150°C. However, the internal thermal shutdown function may help
avoid permanent damage or reduce the degree of damage. Each
amplifier channel has thermal shutdown circuitry, composed of a
temperature sensor with hysteresis.
As soon as the junction temperature reaches 190°C, the thermal
shutdown circuitry shuts down the amplifier. Note that either one
of the two thermal shutdown circuitries is activated; this activation
disables the channel. When the amplifier is disabled, the output
becomes open state and the quiescent current of the channel
decreases to 0.1 mA. When the junction temperature cools down to
160°C, the thermal shutdown circuitry enables the amplifier and the
quiescent current increases to its typical value.
When overheating in the die is caused by an undesirable excess
amount of output current, the thermal shutdown circuit repeats its
function. The junction temperature keeps increasing until it reaches
190°C and one of the channels is disabled. Then, the junction
temperature cools down until it reaches 160°C, and the channel is
enabled again. The process then repeats.
INPUT PROTECTION
When either input of the ADA4522-1/ADA4522-2/ADA4522-4 ex-
ceeds one of the supply rails by more than 300 mV, the ESD
diodes mentioned in the On-Chip Input EMI Filter and Clamp Circuit
section become forward-biased and large amounts of current begin
to flow through them. Without current limiting, this excessive fault
current causes permanent damage to the device. If the inputs are
expected to be subject to overvoltage conditions, insert a resistor in
series with each input to limit the input current to ±10 mA maximum.
However, consider the resistor thermal noise effect on the entire
circuit.
At a ±15 V supply voltage, the broadband voltage noise of the
ADA4522-1/ADA4522-2/ADA4522-4 is approximately 5.8 nV/√Hz
(at unity gain), and a 1 kΩ resistor has a thermal noise of 4 nV/√Hz.
Adding a 1 kΩ resistor increases the total noise to 7 nV/√Hz.
SINGLE-SUPPLY AND RAIL-TO-RAIL OUTPUT
The ADA4522-1/ADA4522-2/ADA4522-4 are single-supply amplifi-
ers, where their input voltage range includes the lower supply rail.
This feature is ideal for applications where the input common-mode
voltage is at the lower supply rail, for example, ground sensing.
Conversely, the amplifier output is rail to rail. Figure 73 shows
the input and output waveforms of the ADA4522-1/ADA4522-2/
ADA4522-4 configured as a unity-gain buffer with a supply voltage
of ±15 V. With an input voltage of ±15 V, the low output voltage
tracks the input voltage, whereas the high output swing clamps/
distorts when the input goes out of the input voltage range (−15 V
≤ IVR ≤ +13.5 V). However, the device does not exhibit phase
reversal.
Figure 73. Input and Output Waveforms, No Phase Reversal
LARGE SIGNAL TRANSIENT RESPONSE
When the ADA4522-1/ADA4522-2/ADA4522-4 are configured in a
closed-loop configuration with a large input transient (for example,
a step input voltage), the internal back to back diodes may turn on.
Consider a case where the amplifier is in unity-gain configuration
with a step input waveform. This case is shown in Figure 74.
The noninverting input is driven by an input signal source and the
inverting input is driven by the output of the amplifier. The maximum
amplifier output current depends on the input step function and the
external source resistance at the input terminals of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com