Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4870 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4870
Description  2500 V/μs Slew Rate, High Voltage, 1 A Output Drive Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870 Datasheet(HTML) 4 Page - Analog Devices

  ADA4870 Datasheet HTML 1Page - Analog Devices ADA4870 Datasheet HTML 2Page - Analog Devices ADA4870 Datasheet HTML 3Page - Analog Devices ADA4870 Datasheet HTML 4Page - Analog Devices ADA4870 Datasheet HTML 5Page - Analog Devices ADA4870 Datasheet HTML 6Page - Analog Devices ADA4870 Datasheet HTML 7Page - Analog Devices ADA4870 Datasheet HTML 8Page - Analog Devices ADA4870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADA4870
SPECIFICATIONS
analog.com
Rev. B | 4 of 24
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
10
40
V
Quiescent Current
SD = VEE + 5 V, ON = VEE
32.5
33
mA
SD = VEE, ON = not applicable
0.75
1
mA
SD = VEE + 5 V, ON = VEE + 5 V
5.1
5.8
mA
Positive Power Supply Rejection Ratio
67
69
dB
Negative Power Supply Rejection Ratio
62
64
dB
1 See the ON, Initial Power-Up, and Short-Circuit section.
±5 V SUPPLY
TCASE = 25°C, AV = −5, RF = 1.21 kΩ, RG = 243 Ω, CL = 300 pF, RS = 5 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 2 V p-p
52
MHz
Settling Time to 0.1%
VOUT = 2 V step
55
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD3
f = 30 MHz, VOUT = 2 V p-p, AV = −10
−42/−38
dBc
f = 1 MHz, VOUT = 2 V p-p, AV = −10
−90/−88
dBc
f = 0.1 MHz, VOUT = 2 V p-p, AV = −10
−101/−107
dBc
f = 1 MHz, VOUT = 2 V p-p, RL = 25 Ω, AV = −10
−70/−66
dBc
f = 0.1 MHz, VOUT = 2 V p-p, RL = 25 Ω, AV = −10
−85/−86
dBc
Input Voltage Noise Density
f = 100 kHz
2.1
nV/√Hz
Input Current Noise Density
f = 100 kHz
INP
4.2
pA/√Hz
INN
47
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
−15
−4
+5
mV
Input Offset Voltage Drift
14
µV/°C
Input Bias Current
Noninverting Input
13
23
µA
Inverting Input
−5
−18
µA
Input Bias Current Drift, Inverting Input
10
nA/°C
Open-Loop Transresistance
1.9
MΩ
INPUT CHARACTERISTICS
Input Resistance
INP
2
MΩ
Input Capacitance
INP
0.75
pF
Input Common-Mode Voltage Range (VICM)
±3.0
V
Common-Mode Rejection Ratio
VICM = ±0.5 V, ±3.0 V
57
59
dB
SD PIN (SHUTDOWN)
Input Voltages
High (enabled)
VEE + 1.1
VEE + 5
V
Low (power-down)
VEE
VEE + 0.9
V
Input Bias Current
Enabled (SD = VEE + 5 V)
110
µA
Power down (SD = VEE)
−65
µA
ON PIN (RESET AND SHORT-CIRCUIT PROTECTION)
Input Voltages
High (power-down)
VEE + 1.8
VEE + 5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com