Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8538 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8538
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8538 Datasheet HTML 25Page - Analog Devices AD8538 Datasheet HTML 26Page - Analog Devices AD8538 Datasheet HTML 27Page - Analog Devices AD8538 Datasheet HTML 28Page - Analog Devices AD8538 Datasheet HTML 29Page - Analog Devices AD8538 Datasheet HTML 30Page - Analog Devices AD8538 Datasheet HTML 31Page - Analog Devices AD8538 Datasheet HTML 32Page - Analog Devices AD8538 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
APPLICATIONS INFORMATION
analog.com
Rev. G | 29 of 33
Figure 83. Precision Weigh Scale Measurement System
PRECISION LOW-SIDE CURRENT SHUNT
SENSOR
Many applications require the sensing of signals near the positive
or negative rails. Current shunt sensors are one such application
and are mostly used for feedback control systems. They are also
used in a variety of other applications, including power metering,
battery fuel gauging, and feedback controls in industrial applica-
tions. In such applications, it is desirable to use a shunt with very
low resistance to minimize series voltage drop. This configuration
not only minimizes wasted power, but also allows the measurement
of high currents while saving power.
A typical shunt may be 100 mΩ. At a measured current of 1 A, the
voltage produced from the shunt is 100 mV, and the amplifier error
sources are not critical. However, at low measured current in the 1
mA range, the 100 μV generated across the shunt demands a very
low offset voltage and drift amplifier to maintain absolute accuracy.
The unique attributes of a zero drift amplifier provide a solution.
Figure 84 shows a low-side current sensing circuit using the
ADA4522-1/ADA4522-2/ADA4522-4. The ADA4522-1/ADA4522-2/
ADA4522-4 are configured as difference amplifiers with a gain of
1000. Although the ADA4522-1/ADA4522-2/ADA4522-4 have high
CMRR, the CMRR of the system is limited by the external resistors.
Therefore, as mentioned in the Single-Supply Instrumentation Am-
plifier section, the key to high CMRR for the system is resistors
that are well matched from both the resistive ratio and relative drift,
where R1/R2 = R3/R4.
Any unused channel of the ADA4522-1/ADA4522-2/ADA4522-4
must be configured in unity gain with the input common-mode
voltage tied to the midpoint of the power supplies.
Figure 84. Low-Side Current Sensing Circuit
PRINTED CIRCUIT BOARD LAYOUT
The ADA4522-1/ADA4522-2/ADA4522-4 are high precision devices
with ultralow offset voltage and noise. Therefore, take care in the
design of the PCB layout to achieve optimum performance of the
ADA4522-1/ADA4522-2/ADA4522-4 at the board level.
To avoid leakage currents, keep the surface of the board clean and
free of moisture.
Properly bypassing the power supplies and keeping the supply
traces short minimizes power supply disturbances caused by output
current variation. Connect bypass capacitors as close as possible
to the device supply pins. Stray capacitances are a concern at
the outputs and the inputs of the amplifier. It is recommended that
signal traces be kept at a distance of at least 5 mm from supply
lines to minimize coupling.
A potential source of offset error is the Seebeck voltage on the
circuit board. The Seebeck voltage occurs at the junction of two
dissimilar metals and is a function of the temperature of the junc-
tion. The most common metallic junctions on a circuit board are
solder to board traces and solder to component leads. Figure 85
shows a cross section of a surface-mount component soldered to
a PCB. A variation in temperature across the board (where TA1
≠ TA2) causes a mismatch in the Seebeck voltages at the solder
joints, thereby resulting in thermal voltage errors that degrade
the performance of the ultralow offset voltage of the ADA4522-1/
ADA4522-2/ADA4522-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com