Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8630 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8630
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 2 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Pin Connection Diagrams............................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—2.5 V Operation............................. 3
Electrical Characteristics—5 V Operation................................ 4
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions............................7
Typical Performance Characteristics..............................................9
Applications Information.............................................................. 19
Input Protection ......................................................................... 19
Rail-to-Rail Input and Output.................................................. 19
Noise Considerations................................................................. 19
Comparator Operation.............................................................. 21
Printed Circuit Board Layout ................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 24
REVISION HISTORY
8/2017—Rev. E to Rev. F
Deleted CP-8-19..................................................................Universal
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide .......................................................... 25
6/2017—Rev. D to Rev. E
Deleted CP-8-12..................................................................Universal
Added CP-8-19 ...................................................................Universal
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide .......................................................... 25
5/2013—Rev. C to Rev. D
Added 8-Lead LFCSP Package (CP-8-11) .......................Universal
Changes to Table 5............................................................................ 7
Added Figure 7, Renumbered Sequentially .................................. 8
Added Figure 62 and Figure 63 .................................................... 19
Changes to Comparator Operation Section, Figure 68,
Figure 69, Figure 70, and Figure 71.............................................. 21
Changes to Figure 72...................................................................... 22
Added Figure 76.............................................................................. 24
9/2012—Rev. B to Rev. C
Changes to Features Section............................................................ 1
Added Comparator Operation Section ....................................... 21
Added Figure 65 to Figure 69; Renumbered Sequentially ........ 21
7/2012—Rev. A to Rev. B
Added ADA4528-2.............................................................Universal
Changes to Features Section, Figure 1, Figure 2, and Table 1 .... 1
Added Pin Connection Diagrams Section and Figure 3;
Renumbered Sequentially ................................................................1
Changes to Table 2.............................................................................3
Changes to Table 3.............................................................................5
Change to Endnote 1 of Table 4 and Thermal Resistance
Section.................................................................................................7
Added Pin Configurations and Function Descriptions Section,
Figure 4, Figure 5, and Table 6.........................................................8
Added Figure 6 and Table 7 .............................................................9
Changes to Input Protection Section........................................... 19
Changes to Source Resistance Section and
Caption of Figure 63 ...................................................................... 20
Changes to Residual Voltage Ripple Section and
Caption of Figure 64 ...................................................................... 21
Changes to Ordering Guide.......................................................... 22
9/2011—Rev. 0 to Rev. A
Added 8-Lead LFCSP_WD Package................................Universal
Changes to General Description Section ......................................1
Added Figure 2; Renumbered Sequentially ...................................1
Changes to Offset Voltage, Offset Voltage Drift, Power Supply
Rejection Ratio, and Settling Time to 0.1% Parameters, Table 2 ...3
Changes to Thermal Resistance Section and Table 5 ...................5
Changes to Figure 41 and Figure 44............................................. 12
Changes to Figure 45 and Figure 48............................................. 13
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 18
1/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com