Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4666-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4666-2
Description  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4666-2 Datasheet HTML 3Page - Analog Devices ADA4666-2 Datasheet HTML 4Page - Analog Devices ADA4666-2 Datasheet HTML 5Page - Analog Devices ADA4666-2 Datasheet HTML 6Page - Analog Devices ADA4666-2 Datasheet HTML 7Page - Analog Devices ADA4666-2 Datasheet HTML 8Page - Analog Devices ADA4666-2 Datasheet HTML 9Page - Analog Devices ADA4666-2 Datasheet HTML 10Page - Analog Devices ADA4666-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Rev. E | Page 7 of 33
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±18 V
125
145
dB
−40°C < TA < +125°C
120
dB
Supply Current per Amplifier
ISY
VOUT = 0 V
500
580
µA
−40°C < TA < +125°C
620
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
1.5
V/µs
Settling Time
tS
To 0.1%
VIN = 10 V p-p, RL = 2 kΩ, AV = −1
5.5
µs
To 0.01%
VIN = 10 V p-p, RL = 2 kΩ, AV = −1
7.5
µs
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 2 kΩ, AV = 100
3.5
MHz
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 2 kΩ, AV = 1
3.5
MHz
−3 dB Closed-Loop Bandwidth
f−3 dB
VIN = 10 mV p-p, RL = 2 kΩ, AV = 1
6
MHz
Total Harmonic Distortion Plus Noise
THD + N
VIN = 1 V rms, AV = +1, RL = 2 kΩ, f = 1 kHz
0.002
%
EMI Rejection of +INx
EMIRR
VIN = 200 mV p-p
f = 1000 MHz
70
dB
f = 2400 MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
175
nV p-p
Voltage Noise Density
en
f = 10 Hz
10
nV/√Hz
f = 1 kHz
8
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/√Hz
MULTIPLE AMPLIFIERS CHANNEL SEPARATION
CS
f = 1 kHz
127
dB
1
All inputs are stressed to 32 V beyond supplies for 500 ms. See Figure 74 for the typical input bias current vs. the input voltage over the overvoltage protected input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com