Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822 Datasheet(PDF) 8 Page - Analog Devices

Part # AD822
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 8 of 27
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC
1
–IN
2
+IN
3
V–
4
NIC
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
ADA4610-1
TOP VIEW
(Not to Scale)
Figure 2. ADA4610-1 Pin Configuration, 8-Lead SOIC (R Suffix)
Table 6. ADA4610-1 Pin Function Descriptions, 8-Lead SOIC
Pin No.
Mnemonic
Description
1, 5, 8
NIC
Not Internally Connected.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
V−
Negative Supply Voltage.
6
OUT
Output.
7
V+
Positive Supply Voltage.
OUT
1
+IN
3
V–
2
V+
5
–IN
4
ADA4610-1
TOP VIEW
(Not to Scale)
Figure 3. ADA4610-1 Pin Configuration, 5-Lead SOT-23 (RJ Suffix)
Table 7. ADA4610-1 Pin Function Descriptions, 5-Lead SOT-23
Pin No.
Mnemonic
Description
1
OUT
Output.
2
V−
Negative Supply Voltage.
3
+IN
Noninverting Input.
4
−IN
Inverting Input.
5
V+
Positive Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com