Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4522-4ARUZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4522-4ARUZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-4ARUZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4522-4ARUZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-4ARUZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
APPLICATIONS INFORMATION
analog.com
Rev. G | 31 of 33
total noise to 7.2 nV/√Hz. For this noise reason, it is recommended
to avoid using large source resistance.
Unity Gain Follower with Large Source
Resistance
When the ADA4522-1/ADA4522-2/ADA4522-4 are configured in a
unity-gain follower configuration with a large source resistance and
slow power supply ramp rate, the amplifier output may rail to the
positive supply.
Figure 89. Insert RF When Large RS is Used
Workaround
To avoid the amplifier output railing to the positive supply, imple-
ment one of the following actions (see Table 11 and Figure 89):
Reduce the value of the source resistance (RS).
Insert a feedback resistor (RF).
Table 11. Amplifier Output Railing Workaround Recommendations
Condition
Recommendation
1.5 V ≤ VSY − VIN < 2.5 V
RF = 200 Ω or RF ≥ 50 RS, whichever is greater
2.5 V ≤ VSY − VIN < 3.5 V
RS ≤ 200 Ω or RF ≥ 2 RS
VSY − VIN ≥ 3.5 V
RS ≤ 500 Ω or RF ≥ 0.5 RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com