Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4610-2ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4610-2ARMZ
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4610-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 16 of 27
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 39. Voltage Noise Density vs. Frequency, VSY = ±5 V
50
40
30
20
0
10
0.01
0.1
1
LOAD CAPACITANCE (nF)
OS–
OS+
Figure 40. Overshoot vs. Load Capacitance, VSY = ±5 V, AV = 1,
RL = 2 kΩ, VIN = 100 mV p-p
100
10
1
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 41. Voltage Noise Density vs. Frequency, VSY = ±15 V
50
40
30
0
20
10
0.01
0.1
1
LOAD CAPACITANCE (nF)
OS–
OS+
Figure 42. Overshoot vs. Load Capacitance, VSY = ±15 V, AV = 1,
RL = 2 kΩ, VIN = 100 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com