Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) LM2940 Datasheet HTML 10Page - National Semiconductor (TI) LM2940 Datasheet HTML 11Page - National Semiconductor (TI) LM2940 Datasheet HTML 12Page - National Semiconductor (TI) LM2940 Datasheet HTML 13Page - National Semiconductor (TI) LM2940 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MICROCIRCUIT DATA SHEET
MNLM2940-12-X REV 1A1
Revision History
Rev
ECN #
Rel Date
Originator
Changes
0A0
M0000588
10/08/99
Barbara Lopez
Initial Release of: MNLM2940-12-X Rev 0A0. Added note
for power dissipation and reference to thermal
resistance for Aluminum Nitride package.
1A1
M0003226
10/08/99
Rose Malone
Update MDS: MNLM2940-12-X, Rev. 0A0 to MNLM2940-12-X,
Rev. 1A1. Moved reference to Controlling Document to
Feature Section. Added Graphic's, reference to WG Pkg
to Main Table and Absolute Section and also Package
Weight heading. Changed Vdo, Io = 100mA, Max.
condition for subgroup 1 from 150mV to 200mV and
subgroup 2 from 200mV to 300mV.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com