Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M613242 Datasheet(PDF) 2 Page - Alpha Wire

Part # M613242
Description  18 (19/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M613242 Datasheet(HTML) 2 Page - Alpha Wire

  M613242 Datasheet HTML 1Page - Alpha Wire M613242 Datasheet HTML 2Page - Alpha Wire M613242 Datasheet HTML 3Page - Alpha Wire M613242 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
Properties
Physical & Mechanical Properties
1) Temperature Range
-80 to 150°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
39 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
39 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
70 pF/ft @1 kHz, Nominal
4) Characteristic Impedance
38 Ω
5) Inductance
0.14 μH/ft, Nominal
6) Conductor DCR
5.9 Ω/1000ft @20°C, Nominal
7) OA Shield DCR
7.7 Ω/1000ft @20°C, Nominal
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
12 x 5.94 x 5 Continuous length
b) 500 FT
10.5 x 5 x 3.5 Continuous length
c) 100 FT
6.5 x 2 x 1.9 Continuous length
d) Bulk(Made-to-order)
 
 
[Spool dimensions may vary slightly]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com