Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFNJ9130 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFNJ9130
Description  P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFNJ9130 Datasheet(HTML) 2 Page - Seme LAB

  IRFNJ9130 Datasheet HTML 1Page - Seme LAB IRFNJ9130 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = -1mA
Reference to 25°C
ID = -1mA
VGS = -10V
ID = -7A
VGS = -10V
ID = -11A
VDS = VGS
ID = -250µA
VDS ≥ -15V
IDS = -7A
VGS = 0
VDS = -80V
TJ = 125°C
VGS = -20V
VGS = 20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = -10V
VDS = -50V
ID = -11A
VDD = -50V
ID = -11A
RG = 7.5Ω
IS = -11A
TJ = 25°C
VGS = 0
IS = -11A
TJ = 25°C
di / dt ≤ -100A/µsVDD ≤ 150V
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
-100
-0.1
0.30
0.35
-2
-4
3
-25
-250
-100
100
860
350
125
29
7.1
21
60
140
140
140
-11
-50
-4.7
250
3
V
V/ °C
Ω
V
S(
Ω
µA
nA
pF
nC
ns
A
V
ns
µC
BVDSS
∆BV
DSS
∆T
J
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5544
Issue 1
IRFNJ9130
IRF9130SMD05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com