Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8000YCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8000YCPZ-R2 Datasheet HTML 1Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 2Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 3Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 4Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 5Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 4 of 17
SPECIFICATIONS WITH +5 V SUPPLY
At TA = 25°C, VS = 5 V, RL = 150 Ω, Gain = +2, RF = RG = 432 Ω, unless otherwise noted. Connect the exposed paddle to ground.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.2 V p-p
980
MHz
G = +2, VO = 2 V p-p
477
MHz
G = +10, VO = 0.2 V p-p
328
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
136
MHz
VO = 2 V p-p
136
MHz
Slew Rate
G = +2, VO = 2 V step
2700
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step
16
ns
NOISE/HARMONIC PERFORMANCE
Second/Third Harmonic
VO = 2 V p-p, 5 MHz, LFCSP only
71/71
dBc
Second/Third Harmonic
VO = 2 V p-p, 20 MHz, LFCSP only
60/62
dBc
Input Voltage Noise
f = 100 kHz
1.6
nV/√Hz
Input Current Noise
f = 100 kHz, −IN
26
pA/√Hz
f = 100 kHz, +IN
3.4
pA/√Hz
Differential Gain Error
NTSC, G = +2
0.01
%
Differential Phase Error
NTSC, G = +2
0.06
Degree
DC PERFORMANCE
Input Offset Voltage
1.3
10
mV
Input Offset Voltage Drift
18
μV/°C
Input Bias Current (Enabled)
+IB
−5
+3
μA
−IB
−1
+45
μA
Transimpedance
440
800
1500
INPUT CHARACTERISTICS
Noninverting Input Impedance
2/3.6
MΩ/pF
Input Common-Mode Voltage Range
1.5 to 3.6
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
−51
−52
−54
dB
Overdrive Recovery
G = +1, f = 1 MHz, triangle wave
60
ns
POWER DOWN PIN
Power-Down Input Voltage
Power-down
< +VS − 3.1
V
Enable
> +VS − 1.9
V
Turn-Off Time
50% of power-down voltage to
10% of VOUT final, VIN = 0.3 V p-p
200
ns
Turn-On Time
50% of power-down voltage to
90% of VOUT final, VIN = 0.3 V p-p
300
ns
Input Current
Enabled
−1.1
+0.17
+1.4
μA
Power-Down
−50
−40
−30
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 100 Ω
1.1 to 3.9
1.05 to 4.1
V
RL = 1 kΩ
1 to 4.0
0.85 to 4.15
V
Linear Output Current
VO = 2 V p-p, second HD < −50 dBc
70
mA
Overdrive Recovery
G = +2, f = 100 kHz, triangle wave
65
ns
POWER SUPPLY
Operating Range
4.5
12
V
Quiescent Current
11
12
13
mA
Quiescent Current (Power-Down)
0.7
0.95
1.25
mA
Power Supply Rejection Ratio
−PSRR/+PSRR
−55/−60
−57/−62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com