Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8012ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8012ARMZ
Description  Dual 350 MHz Low Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8012ARMZ Datasheet HTML 4Page - Analog Devices AD8012ARMZ Datasheet HTML 5Page - Analog Devices AD8012ARMZ Datasheet HTML 6Page - Analog Devices AD8012ARMZ Datasheet HTML 7Page - Analog Devices AD8012ARMZ Datasheet HTML 8Page - Analog Devices AD8012ARMZ Datasheet HTML 9Page - Analog Devices AD8012ARMZ Datasheet HTML 10Page - Analog Devices AD8012ARMZ Datasheet HTML 11Page - Analog Devices AD8012ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
REV.
C
–8–
AD8012
FREQUENCY
MHz
0.1
10
100
G = +2
VO = 0.3V p-p
RF = 750
RL = 100
VS = 5V
1
0.3
–0.3
0.2
–0.1
0.1
0
–0.2
–0.4
–0.5
0.4
0.5
TPC 13. Gain Flatness; VS =
±5 V
RL –
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
SECOND
THIRD
TPC 14. Distortion vs. Load Resistance; VS = +5 V,
Frequency = 500 kHz
–40
–100
10
20
–80
–60
G = +2
VOUT = 2V p-p
RF = 750
FREQUENCY – MHz
1
THIRD
RL = 1k
SECOND
RL = 1k
THIRD
RL = 100
SECOND
RL = 100
TPC 15. Distortion vs. Frequency; VS = +5 V
FREQUENCY
MHz
0.1
10
100
G = +2
VO = 0.3V p-p
RF = 750
RL = 100
VS = +5V
1
0.3
–0.3
0.2
–0.1
0.1
0
–0.2
–0.4
–0.5
0.4
0.5
TPC 16. Gain Flatness; VS = +5 V
FREQUENCY
MHz
3
–3
100
500
2
–1
VO = 0.3V p-p
RF = 750
RL = 100
VS = 5V
1
0
–2
–4
4
5
G = +10
G = +2
G = +1
–5
10
1
TPC 17. Frequency Response; VS =
±5 V
FREQUENCY
MHz
3
–15
100
500
0
–9
G = +2
RF = 750
RL = 100
VS = 5V
–3
–6
–12
–18
6
9
–21
10
1
1V RMS
TPC 18. Output Voltage vs. Frequency; VS =
±5 V,
G = +2, RL = 100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com