Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8045ARDZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 16Page - Analog Devices AD8045ARDZ Datasheet HTML 17Page - Analog Devices AD8045ARDZ Datasheet HTML 18Page - Analog Devices AD8045ARDZ Datasheet HTML 19Page - Analog Devices AD8045ARDZ Datasheet HTML 20Page - Analog Devices AD8045ARDZ Datasheet HTML 21Page - Analog Devices AD8045ARDZ Datasheet HTML 22Page - Analog Devices AD8045ARDZ Datasheet HTML 23Page - Analog Devices AD8045ARDZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD8045
Rev. C | Page 23 of 24
EXPOSED PADDLE
The AD8045 features an exposed paddle, which lowers the thermal
resistance by 25% compared to a standard SOIC plastic package.
The exposed paddle of the AD8045 is internally connected to
the negative power supply pin. Therefore, when laying out the
board, the exposed paddle must either be connected to the
negative power supply or left floating (electrically isolated).
Soldering the exposed paddle to the negative power supply metal
ensures maximum thermal transfer. Figure 74 and Figure 75 show
the proper layout for connecting the SOIC and LFCSP exposed
paddle to the negative supply.
Figure 74. SOIC Exposed Paddle Layout
The use of thermal vias or heat pipes can also be incorporated
into the design of the mounting pad for the exposed paddle.
These additional vias help to lower the overall theta junction to
ambient (θJA). Using a heavier weight copper on the surface to
which the exposed paddle of the amplifier is soldered can greatly
reduce the overall thermal resistance seen by the AD8045.
Figure 75. LFCSP Exposed Paddle Layout
For existing designs that want to incorporate the AD8045,
electrically isolating the exposed paddle is another option. If the
exposed paddle is electrically isolated, the thermal dissipation is
primarily through the leads, and the thermal resistance of the
package now approaches 125°C/W, the standard SOIC θJA.
However, a thermally conductive and electrically isolated pad
material may be used. A thermally conductive spacer, such as
the Bergquist Company Sil-Pad, is an excellent solution to this
problem. Figure 76 shows a typical implementation using
thermal pad material.
THERMAL CONDUCTIVE INSULATOR
Figure 76. SOIC with Thermal Conductive Pad Material
The thermal pad provides high thermal conductivity but
isolates the exposed paddle from ground or other potential.
It is recommended, when possible, to solder the paddle to the
negative power supply plane or trace for maximum thermal
transfer.
Note that soldering the paddle to ground shorts the negative
power supply to ground and can cause irreparable damage to
the AD8045.
DRIVING CAPACITIVE LOADS
In general, high speed amplifiers have a difficult time driving
capacitive loads. This is particularly true in low closed-loop
gains, where the phase margin is the lowest. The difficulty arises
because the load capacitance, CL, forms a pole with the output
resistance, RO, of the amplifier. The pole can be described by the
equation
L
O
P
C
R
f
2π
1
=
If this pole occurs too close to the unity-gain crossover point,
the phase margin degrades. This is due to the additional phase
loss associated with the pole.
The AD8045 output can drive 18 pF of load capacitance directly,
in a gain of +2 with 30% overshoot, as shown in Figure 37. Larger
capacitance values can be driven but must use a snubbing resistor
(RSNUB) at the output of the amplifier, as shown in Figure 61 and
Figure 62. Adding a small series resistor, RSNUB, creates a zero
that cancels the pole introduced by the load capacitance. Typical
values for RSNUB can range from 25 Ω to 50 Ω. The value is typically
arrived at empirically and based on the circuit requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com