Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844SQ/883B Datasheet(PDF) 2 Page - Analog Devices

Part # AD844SQ/883B
Description  60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844SQ/883B Datasheet(HTML) 2 Page - Analog Devices

  AD844SQ/883B Datasheet HTML 1Page - Analog Devices AD844SQ/883B Datasheet HTML 2Page - Analog Devices AD844SQ/883B Datasheet HTML 3Page - Analog Devices AD844SQ/883B Datasheet HTML 4Page - Analog Devices AD844SQ/883B Datasheet HTML 5Page - Analog Devices AD844SQ/883B Datasheet HTML 6Page - Analog Devices AD844SQ/883B Datasheet HTML 7Page - Analog Devices AD844SQ/883B Datasheet HTML 8Page - Analog Devices AD844SQ/883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD844
Data Sheet
Rev. G | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
Metallization Photograph............................................................ 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ............................................. 6
 
Inverting Gain-of-1 AC Characteristics .................................... 8
 
Inverting Gain-of-10 AC Characteristics.................................. 9
 
Inverting Gain-of-10 Pulse Response...................................... 10
 
Noninverting Gain-of-10 AC Characteristics ........................ 11
 
Understanding the AD844 ............................................................ 12
 
Open-Loop Behavior ................................................................. 12
 
Response as an Inverting Amplifier......................................... 12
 
Response as an I-V Converter .................................................. 13
 
Circuit Description of the AD844............................................ 13
 
Response as a Noninverting Amplifier.................................... 14
 
Noninverting Gain of 100 ......................................................... 14
 
Using the AD844 ............................................................................ 15
 
Board Layout............................................................................... 15
 
Input Impedance ........................................................................ 15
 
Driving Large Capacitive Loads ............................................... 15
 
Settling Time............................................................................... 15
 
DC Error Calculation ................................................................ 16
 
Noise ............................................................................................ 16
 
Video Cable Driver Using ±5 V Supplies................................ 16
 
High Speed DAC Buffer ............................................................ 17
 
20 MHz Variable Gain Amplifier ............................................. 17
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
5/2017—Rev. F to Rev. G
Change to Figure 32 ....................................................................... 14
2/2009—Rev. E to Rev F
Updated Format..................................................................Universal
Changes to Features Section............................................................ 1
Changes to Differential Phase Error Parameter, Table 1 ............. 3
Changes to Figure 13........................................................................ 8
Changes to Figure 18........................................................................ 9
Changes to Figure 23 and Figure 24............................................. 11
Changes to Figure 42 and High Speed DAC Buffer Section..... 17
Updated Outline Dimensions ....................................................... 19
Changes to Ordering Guide .......................................................... 20
1/2003—Rev. D to Rev. E
Updated Features...............................................................................1
Edit to TPC 18 ...................................................................................7
Edits to Figure 13 and Figure 14................................................... 13
Updated Outline Dimensions....................................................... 15
11/2001—Rev. C to Rev. D
Edits to Specifications ......................................................................2
Edits to Absolute Maximum Ratings ..............................................3
Edits to Ordering Guide ...................................................................3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com