Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9820 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9820 Datasheet HTML 1Page - NXP Semiconductors TDA9820 Datasheet HTML 2Page - NXP Semiconductors TDA9820 Datasheet HTML 3Page - NXP Semiconductors TDA9820 Datasheet HTML 4Page - NXP Semiconductors TDA9820 Datasheet HTML 5Page - NXP Semiconductors TDA9820 Datasheet HTML 6Page - NXP Semiconductors TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Nov 20
4
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
PINNING
SYMBOL
PIN
DESCRIPTION
IN1(B/G)
1
intercarrier input 1 at 5.5 MHz
IN1(D/K)
2
intercarrier input 1 at 6.5 MHz
IN1(M)
3
intercarrier input 1 at 4.5 MHz
n.c.
4
not connected
S1
5
standard switch bit 1 input
S2
6
standard switch bit 2 input
VAF2
7
audio output voltage 2
VAF1
8
audio output voltage 1
C1
9
decoupling capacitor 1
C2
10
decoupling capacitor 2
VCOref
11
VCO reference
CSTAB
12
supply voltage stabilization
GND
13
ground
VP
14
supply voltage
IN2
15
intercarrier input 2
IN1(I)
16
intercarrier input 1 at 6.0 MHz
Fig.2 Pin configuration.
handbook, halfpage
TDA9820
MHA529
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1(B/G)
IN1(D/K)
IN1(M)
S1
S2
VAF2
VAF1
n.c.
IN1(I)
IN2
VP
CSTAB
VCOref
C2
C1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com