Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS1503 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS1503
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1503 Datasheet(HTML) 1 Page - International Rectifier

  IRLMS1503 Datasheet HTML 1Page - International Rectifier IRLMS1503 Datasheet HTML 2Page - International Rectifier IRLMS1503 Datasheet HTML 3Page - International Rectifier IRLMS1503 Datasheet HTML 4Page - International Rectifier IRLMS1503 Datasheet HTML 5Page - International Rectifier IRLMS1503 Datasheet HTML 6Page - International Rectifier IRLMS1503 Datasheet HTML 7Page - International Rectifier IRLMS1503 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Min.
Typ.
Max
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
75
°C/W
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The Micro6
™ package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of
nearly 300% compared to the SOT-23.
Description
1/14/05
l
Generation V Technology
l
Micro6 Package Style
l
Ultra Low
RDS(on)
l
N-Channel MOSFET
l
Lead-Free
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.6
A
IDM
Pulsed Drain Current 
18
PD @TA = 25°C
Power Dissipation
1.7
W
Linear Derating Factor
13
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Thermal Resistance Ratings
www.irf.com
1
Micro6
™
IRLMS1503PbF
HEXFET® Power MOSFET
PD - 95762
VDSS = 30V
RDS(on) = 0.10Ω
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6


Similar Part No. - IRLMS1503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1503 IRF-IRLMS1503 Datasheet
180Kb / 8P
Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
Generation V Technology
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
GENERATION V TECHNOLOGY
IRLMS1503PBF-1 IRF-IRLMS1503PBF-1 Datasheet
197Kb / 8P
Compatible with Existing Surface Mount Techniques
IRLMS1503PBF-1 IRF-IRLMS1503PBF-1_15 Datasheet
197Kb / 8P
Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLMS1503

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com