Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLP3803 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLP3803
Description  HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLP3803 Datasheet(HTML) 1 Page - International Rectifier

  IRLP3803 Datasheet HTML 1Page - International Rectifier IRLP3803 Datasheet HTML 2Page - International Rectifier IRLP3803 Datasheet HTML 3Page - International Rectifier IRLP3803 Datasheet HTML 4Page - International Rectifier IRLP3803 Datasheet HTML 5Page - International Rectifier IRLP3803 Datasheet HTML 6Page - International Rectifier IRLP3803 Datasheet HTML 7Page - International Rectifier IRLP3803 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRLP3803
PD - _____
Logic-Level Gate Drive
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
VDSS = 30V
RDS(on) = 0.006Ω
ID = 120A
8/4/95
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Thermal Resistance
PRELIMINARY
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use of
TO-220 devices. The TO-247 is similar but superior to the
earlier TO-218 package because of its isolated mounting
hole.
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
120
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
83
A
IDM
Pulsed Drain Current
470
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
610
mJ
IAR
Avalanche Current
71
A
EAR
Repetitive Avalanche Energy
15
mJ
dv/dt
Peak Diode Recovery dv/dt
1.8
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRLP3803

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLP3034 ISC-IRLP3034 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRLP3034PBF IRF-IRLP3034PBF Datasheet
310Kb / 8P
HEXFET Power MOSFET
IRLP3034PBF IRF-IRLP3034PBF Datasheet
310Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRLP3034PBF IRF-IRLP3034PBF_15 Datasheet
310Kb / 8P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRLP3803

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com