Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE4614 Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # NCE4614
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

NCE4614 Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  NCE4614 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED NCE4614 Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
■
PMOS Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=-250μA
-30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-
-
-1
μA
VDS=-30V, VGS=0V, Tj=150℃
-
-
-100
Gate-Body Leakage Current
IGSS
VGS= ±20V, VDS=0V
-
-
±100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=-250μA
-1.0
-2.
5
V
Static Drain-Source On-Resistance
RDS(on)
VGS=-10V, ID=-5A
-
34
m
Ω
VGS=-4.5V, ID=-3.5A
-
49
Diode Forward Voltage
VSD
IS=-5A, VGS=0V
-
-
-1.2
V
Gate resistance
RG
f=1MHz
-
15
-
Ω
Maximum Body-Diode Continuous Current
IS
-
-
-5
A
Dynamic Parameters
Input Capacitance
Ciss
VDS=-15V, VGS=0V, f=1MHz
-
490
-
pF
Output Capacitance
Coss
-
75
-
Reverse Transfer Capacitance
Crss
-
60
-
Switching Parameters
Total Gate Charge
Qg
VGS=-10V, VDS=-15V, ID=-5A
-
9
-
nC
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Charge
Qgd
-
2.3
-
Reverse Recovery Charge
Qrr
IF=-5A, di/dt=100A/us
-
12
-
nC
Reverse Recovery Time
trr
-
32
-
ns
Turn-on Delay Time
tD(on)
VGS=-10V, VDD=-15V, ID=-5A
RGEN=2.5Ω
-
9
-
ns
Turn-on Rise Time
tr
-
3
-
Turn-off Delay Time
tD(off)
-
29
-
Turn-off fall Time
tf
-
15
-
A. Repetitive rating; pulse width limited by max. junction temperature.
B. Pd is based on max. junction temperature, using junction-case thermal resistance.
C. The value of RθJA is measured with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in the still air environment with TA =25℃.
The maximum allowed junction temperature of 150
℃. The value in any given application depends on the user's specific board design.
www.bychip.cn
NCE4614
v3.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com