Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBT4403 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMBT4403
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMBT4403 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMBT4403 Datasheet HTML 1Page - GTM CORPORATION GMBT4403 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2001/09/20
REVISED DATE :2006/02/08B
GM BT4403
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBT4403 is designed for general purpose applications requiring high breakdown voltage.
Features
&High DC Current Gain: 100-300 at 150mA
&Complementary to GMBT4401
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0°
10°
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55 ~ +150
:
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-600
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics (Ta = 25 : , unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA
BVCEO
-40
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICEX
-
-
-100
nA
VCE=-35V, VBE=-0.4V
*VCE(sat)1
-
-
-400
mV
IC=-150mA, IB=-15mA
*VCE(sat)2
-
-
-750
mV
IC=-500mA, IB=-50mA
*VBE(sat)1
-
-
-950
mV
IC=-150mA, IB=-15mA
*VBE(sat)2
-
-
-1.3
V
IC=-500mA, IB=-50mA
*hFE1
30
-
-
VCE=-1V, IC=-0.1mA
*hFE2
60
-
-
VCE=-1V, IC=-1mA
*hFE3
100
-
-
VCE=-1V, IC=-10mA
*hFE4
100
-
300
VCE=-2V, IC=-150mA
*hFE5
20
-
-
VCE=-2V, IC=-500mA
fT
200
-
-
MHz
VCE=-10V, IC=-20mA, f=100MHz
Cob
-
-
8.5
pF
VCE=-10V, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%


Similar Part No. - GMBT4403

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBT4403 ETL-GMBT4403 Datasheet
207Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
logo
Guilin Strong Micro-Ele...
GMBT4403 GSME-GMBT4403 Datasheet
399Kb / 4P
PNP Switching Transistor
More results

Similar Description - GMBT4403

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com