Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1978J Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1978J
Description  i4-PAC??Power Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1978J Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1978J Datasheet HTML 1Page - Clare, Inc. CPC1978J Datasheet HTML 2Page - Clare, Inc. CPC1978J Datasheet HTML 3Page - Clare, Inc. CPC1978J Datasheet HTML 4Page - Clare, Inc. CPC1978J Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1978J
R02.3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
CPC1978J
Typical Turn-Off vs. LED Forward Current
(Load Current = 1ADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0
50
CPC1978J
Typical On-Resistance vs. Temperature
(Load Current = max rated)
-40
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
-20
0
20
40
60
80
100
CPC1978J
Typical IF for Switch Operation
vs. Temperature
(Load Current = 1ADC)
-40
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
-20
0
20
40
60
80
100
Load Voltage (V)
-6.0
-4.0
-2.0
2.0
4.0
0
6.0
CPC1978J
Energy Rating Curve
(Free air, no heat sink)
Time
16
14
12
10
8
6
4
2
0
1ms
100ms
10s
10ms
1s
100s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com