Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP24BC01 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GP24BC01
Description  2-WIRE SERIAL EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP24BC01 Datasheet(HTML) 1 Page - GTM CORPORATION

  GP24BC01 Datasheet HTML 1Page - GTM CORPORATION GP24BC01 Datasheet HTML 2Page - GTM CORPORATION GP24BC01 Datasheet HTML 3Page - GTM CORPORATION GP24BC01 Datasheet HTML 4Page - GTM CORPORATION GP24BC01 Datasheet HTML 5Page - GTM CORPORATION GP24BC01 Datasheet HTML 6Page - GTM CORPORATION GP24BC01 Datasheet HTML 7Page - GTM CORPORATION GP24BC01 Datasheet HTML 8Page - GTM CORPORATION GP24BC01 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 1/9
ISSUED DATE :2006/08/17
REVISED DATE :
G
G P
P 2244B
B C
C 0011//0022//0044//0088//1166
2 - w i r e S e r i a l E E P R O M 1 K / 2 K / 4 K / 8 K / 1 6 K
Description
The GP24BC family provides 1K, 2K, 4K, 8K and 16K of serial electrically erasable and programmable
read-only memory (EEPROM). The wide Vdd range allows for low-voltage operation down to 1.8V. The device,
fabricated using traditional CMOS EEPROM technology, is optimized for many industrial and commercial
applications where low-voltage and low-power operation is essential. The device is accessed via a 2-wire serial
interface.
Features
&Internally organized as 128x8 (1K), 256x8 (2K)
512x8 (4K), 1024x8 (8K), 2048x8 (16K),
&Low-voltage and standard-voltage operation:
1.8V~5.5V
& ¯-wire serial interface bus
&Date retention: 100years
&High endurance: 1,000,000 Write Cycles
100KHz (1.8V) & 400KHz (5V) compatibility
&Bi-directional data transfer protocol
&Self-timed write cycle (5ms max)
&Write protect pin for hardware data protection
&8-byte page (1K, 2K) and 16-byte page (4K,8K,16K)
write modes
&Allows for partial page write
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Figure 1. Pin Configurations
Pin Name
Function
A0 – A2
Address inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Gnd
Ground
Vcc
Power Supply
Absolute Maximum Ratings
Parameter
Ratings
Unit
Voltage on Any Pin with Respect to Ground
-0.8 to Vcc +1.5
V
Maximum Operating Voltage
6.25
V
DC Output Current
5.0
mA
Operating Temperature Range
-55 ~ +125
:
Storage Temperature Range
-65 ~ +150
:
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
these specifications are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP24BC01

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GP24BC01 ETL-GP24BC01 Datasheet
277Kb / 9P
2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
GP24BC01-16 ETL-GP24BC01-16 Datasheet
277Kb / 9P
2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
More results

Similar Description - GP24BC01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com