Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9852 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9852
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 14Page - NXP Semiconductors TDA9852 Datasheet HTML 15Page - NXP Semiconductors TDA9852 Datasheet HTML 16Page - NXP Semiconductors TDA9852 Datasheet HTML 17Page - NXP Semiconductors TDA9852 Datasheet HTML 18Page - NXP Semiconductors TDA9852 Datasheet HTML 19Page - NXP Semiconductors TDA9852 Datasheet HTML 20Page - NXP Semiconductors TDA9852 Datasheet HTML 21Page - NXP Semiconductors TDA9852 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1997 Mar 11
18
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
Audio control part; input pins VIL and VIR to pins OUTX and OUTS
Zi
volume input impedance
8.0
10.0
12.0
k
Ω
Zo
output impedance
−
80
120
Ω
RL
output load resistance
5
−−
k
Ω
CL
output load capacitance
0
−
2.5
nF
Vi(rms)
maximum input voltage
(RMS value)
THD < 0.5%
2.0
2.15
−
V
Vno
noise output voltage
CCIR 468-2 weighted;
quasi peak
Gv =16dB
−
110
220
µV
Gv =0dB
−
33
50
µV
mute position
−
10
−µV
Gc
total continuous control range
maximum boost
−
16
−
dB
maximum attenuation
−
71
−
dB
Gstep
step resolution
−
1
−
dB
step error between adjoining
step
−−
0.5
dB
∆Ga
attenuator set error
Gv = +16 to −50 dB
−−
2dB
Gv = −51 to −71 dB
−−
3dB
∆G
L
gain tracking error
Gv = +16 to −50 dB
−−
2dB
αm
mute attenuation
80
−−
dB
VDC OFF
DC step offset between any
adjacent step
Gv = +16 to 0 dB
−
0.2
10.0
mV
Gv =0to −71 dB
−−
5mV
DC step offset between any
step to mute
Gv = +16 to +1 dB
−
215
mV
Gv =0to −71 dB
−
110
mV
Loudness control part
LB
maximum loudness boost
loudness on; referred to
loudness off; boost is
determined by external
components; see Fig.6
fi =40Hz
−
17
−
dB
fi = 10 kHz
−
4.5
−
dB
LG
loudness control range
−12
−
+16
Muting at power supply drop for OUTR and OUTS
VCC-DROP
supply drop for mute active
−
VCAP − 0.7 −
V
Power-on reset; note 9
VRESET(STA)
start of reset voltage
increasing supply voltage
−−
2.5
V
decreasing supply voltage
4.2
5
5.8
V
VRESET(END) end of reset voltage
increasing supply voltage
5.2
6
6.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com