Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4558 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GP4558
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP4558 Datasheet(HTML) 2 Page - GTM CORPORATION

  GP4558 Datasheet HTML 1Page - GTM CORPORATION GP4558 Datasheet HTML 2Page - GTM CORPORATION GP4558 Datasheet HTML 3Page - GTM CORPORATION GP4558 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ISSUED DATE :2005/06/24
REVISED DATE :
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
VALUE
Unit
Supply Voltage
VCC
±22
V
Differential Input Voltage
VI(DIFF)
±18
V
Input Voltage
VI
±15
V
Power Dissipation
PD
600
mW
Operating Temperature Range
TOPR
0 ~ +70
:
Storage Temperature Range
TSTG
-65 ~ +150
:
Electrical Characteristics (VCC=15V Vee=-15V, TA=25 : )
Parameter
SYMBOL
Test Conditions
Min
Typ.
Max
Unit
Supply Current, all Amp,
no load
ICC
-
2.3
4.5
mA
I
nput Offset Voltage
VIO
RS<10k
-
2
6
mV
I
nput Offset Current
IIO
-
5
200
nA
I
nput Bias Current
IBIAS
-
30
500
nA
Common Mode Input Voltage
VI(R)
±12
±13
V
Large Signal Voltage Gain
GV
VO(P-P)=±10V, RL 2k
20
200
-
V/mV
Output Voltage Swing
VO(P-P) RL 10k
-
±12
±14
V
Common Mode Rejection Ratio
CMRR RS 10k
70
90
-
dB
Supply Voltage Rejection Ratio
PSRR
RS 10k
76
90
-
dB
Power Consumption
PC
-
70
170
mV
Slew Rate
SR
Vi=±10V, RL 2k ,
CL 100pF
1.2
2.2
-
V/ s
Rise Time
TRIS
Vi=±20mV, RL 2k ,
CL 100pF
-
0.3
-
s
Overshoot
OS
Vi=±20mV, RL 2k ,
CL 100pF
-
15
-
%
I
nput Resistance
Ri
0.3
2
-
M
Output Resistance
RO
-
75
-
Total Harmonic Distortion
THD
f=1kHz, AV=20dB, RL=2k ,
VO= 2VPP, CL=100pF
-
0.008
-
%
Channel Separation
VO1/VO2
-
120
-
dB
Frequency Characteristics (VCC=15V Vee=-15V, TA=25 : )
Parameter
SYMBOL
Test Conditions
Min
Typ.
Max
Unit
Unity Gain Bandwidth
BW
2.0
2.8
-
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com