Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP4953 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GP4953
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP4953 Datasheet(HTML) 1 Page - GTM CORPORATION

  GP4953 Datasheet HTML 1Page - GTM CORPORATION GP4953 Datasheet HTML 2Page - GTM CORPORATION GP4953 Datasheet HTML 3Page - GTM CORPORATION GP4953 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP4953
Page: 1/4
ISSUED DATE :2005/08/08
REVISED DATE :
G
G P
P 44995533
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GP4953 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
Features
*Low On-Resistance
*Simple Drive Requirement
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
f 20
V
Continuous Drain Current3
ID @TA=25 :
-5
A
Continuous Drain Current3
ID @TA=70 :
-4
A
Pulsed Drain Current1
IDM
-20
A
Total Power Dissipation
PD @TA=25 :
2
W
Linear Derating Factor
0.016
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-amb
62.5
/W
BVDSS
-30V
RDS(ON)
53m
ID
-5A
Pb Free Plating Product
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP4953

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GP490 TRIQUINT-GP490 Datasheet
213Kb / 3P
ZigBee Home Automation Communications Controller
logo
Qorvo, Inc
GP490 QORVO-GP490 Datasheet
213Kb / 3P
ZigBee Home Automation Communications Controller
logo
Mallory performance clu...
GP491 MALLORY-GP491 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GP4953

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com