Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLM358 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GPLM358
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GPLM358 Datasheet(HTML) 2 Page - GTM CORPORATION

  GPLM358 Datasheet HTML 1Page - GTM CORPORATION GPLM358 Datasheet HTML 2Page - GTM CORPORATION GPLM358 Datasheet HTML 3Page - GTM CORPORATION GPLM358 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ISSUED DATE :2003/08/11
REVISED DATE :2004/09/30B
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
VALUE
Unit
Supply Voltage
Vcc
+-16 or 32
V
Differential Input Voltage
VI(DIFF)
+-32
V
Input Voltage
VI
-0.3 ~+32
V
Output Short to Ground
Continuous
Operating Temperature Range
TOPR
0~+70
:
Storage Temperature Range
TSTG
-65~+150
:
Electrical Characteristics (Vcc=5.0V VEE=GND,TA=25 : ,unless otherwise specified)
Parameter
SYMBOL
Test Conditions
Min
Typ.
Max.
Unit
Input Offset Voltage
VIO
VCM=0V to VCC-1.5V
VO(P)=1.4V,RS=0
2.9
7.0
mV
Input Offset Current
IIO
5
50
nA
Input Bias Current
IBIAS
45
250
nA
Input Common Mode Voltage
VI(R)
VCC=30V
0
VCC-1.5
V
RL= ,VCC=30V
0.8
2.0
mA
Power Supply Current
ICC
RL= ,Full Temperature
Range
-
0.5
1.2
mA
Large Signal Voltage Gain
GV
VCC=15V,RL>=2K
VO(P)=1V to 11V
25
100
-
V/mV
VCC=30V,RL=2K
26
V
VO(H)
VCC=30V,RL=10K
27
28
V
Output Voltage Swing
VO(L)
VCC=5V,RL>=10K
5
20
mV
Common Mode Rejection Ratio
CMRR
65
80
dB
Power Supply Rejection Ration
PSRR
65
100
dB
Channel Separation
CS
F=1KHZ to 20KHZ
120
dB
Short Circuit Current to Ground
ISC
40
60
mA
Output Current
ISOURCE VI(+)= 1V,VI(-)=0V
VCC=15V,VO(P)=2v
10
30
mA
ISINK
VI(+)=0V,,VI(-)=1V
VCC=15V,VO(P)=2V
10
15
mA
VI(+)=0V,,VI(-)=1V
VCC=15V,VO(P)=200mV
12
100
A
Differential Input Voltage
VI(DIFF)
VCC
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com