Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9860 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9860
Description  Universal HiFi audio processor for TV
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9860 Datasheet HTML 9Page - NXP Semiconductors TDA9860 Datasheet HTML 10Page - NXP Semiconductors TDA9860 Datasheet HTML 11Page - NXP Semiconductors TDA9860 Datasheet HTML 12Page - NXP Semiconductors TDA9860 Datasheet HTML 13Page - NXP Semiconductors TDA9860 Datasheet HTML 14Page - NXP Semiconductors TDA9860 Datasheet HTML 15Page - NXP Semiconductors TDA9860 Datasheet HTML 16Page - NXP Semiconductors TDA9860 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
July 1994
13
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
Table 7
Volume 1 to control both channels.
Gv
DATA
(dB)
HEX
V05
V04
V03
V02
V01
V00
+15
3F
111111
+14
3E
111110
+13
3D
111101
+12
3C
111100
+11
3B
111011
+10
3A
111010
+9
39
111001
+8
38
111000
+7
37
110111
+6
36
110110
+5
35
110101
+4
34
110100
+3
33
110011
+2
32
110010
+1
31
110001
0
30
110000
−1
2F
101111
−2
2E
101110
−3
2D
101101
−4
2C
101100
−5
2B
101011
−6
2A
101010
−7
29
101001
−8
28
101000
−9
27
100111
−10
26
100110
−11
25
100101
−12
24
100100
−13
23
100011
−14
22
100010
−15
21
100001
−16
20
100000
−17
1F
011111
−18
1E
011110
−19
1D
011101
−20
1C
011100
−21
1B
011011
−22
1A
011010
−23
19
011001
−24
18
011000
−25
17
010111
−26
16
010110
−27
15
010101
−28
14
010100
−29
13
010011
−30
12
010010
−31
11
010001
−32
10
010000
−33
0F
001111
−34
0E
001110
−35
0D
001101
−36
0C
001100
−37
0B
001011
−38
0A
001010
−39
09
001001
−40
08
001000
Gv
DATA
(dB)
HEX
V05
V04
V03
V02
V01
V00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com