Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0071 Datasheet(PDF) 10 Page - Tyco Electronics

Part # MAAMSS0071
Description  RF Driver Amplifier 300 - 4000 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0071 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MAAMSS0071 Datasheet HTML 4Page - Tyco Electronics MAAMSS0071 Datasheet HTML 5Page - Tyco Electronics MAAMSS0071 Datasheet HTML 6Page - Tyco Electronics MAAMSS0071 Datasheet HTML 7Page - Tyco Electronics MAAMSS0071 Datasheet HTML 8Page - Tyco Electronics MAAMSS0071 Datasheet HTML 9Page - Tyco Electronics MAAMSS0071 Datasheet HTML 10Page - Tyco Electronics MAAMSS0071 Datasheet HTML 11Page - Tyco Electronics MAAMSS0071 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF Driver Amplifier
300 - 4000 MHz
MAAMSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
10
RoHS
Compliant
2500 MHz Schematic
2500 MHz PCB Layout
Typical Performance Curves, 2500 MHz Configuration
ICC
Applications Section
Parts List
50
75
100
125
150
175
200
0
5
10
15
20
25
30
+25°C
-40°C
+85°C
Output Power (dBm)
Part
Value
Case Style
Manufacturer
C1,C2,C3,C4
0.1 µF
0402
Murata
C5
39 pF
0402
Murata
C6
1 pF
0402
Murata
C7
0.5 pF
0402
Murata
C8
2 pF
0402
Murata
L1
7.5 nH
0402
Coilcraft
R1
2.4 Ω
0402
Panasonic
R2,R3
0 Ω
0402
Panasonic
C9
15 pF
0402
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com