Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C66B-E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # 93C66B-E/ST
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66B-E/ST Datasheet(HTML) 3 Page - Microchip Technology

  93C66B-E/ST Datasheet HTML 1Page - Microchip Technology 93C66B-E/ST Datasheet HTML 2Page - Microchip Technology 93C66B-E/ST Datasheet HTML 3Page - Microchip Technology 93C66B-E/ST Datasheet HTML 4Page - Microchip Technology 93C66B-E/ST Datasheet HTML 5Page - Microchip Technology 93C66B-E/ST Datasheet HTML 6Page - Microchip Technology 93C66B-E/ST Datasheet HTML 7Page - Microchip Technology 93C66B-E/ST Datasheet HTML 8Page - Microchip Technology 93C66B-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 3
93XX46X/56X/66X/76X/86X
93XX76A/B/C
93AA76A
8
1.8-5.5
No
1024 x 8 bits
No
I
OT
93AA76B
8
1.8-5.5
No
512 x 16 bits
No
I
OT
93AA76C
8
1.8-5.5
Yes
Selectable x8 or x16
Yes
I
P, SN, ST, MS, MC
93LC76A
8
2.5-5.5
No
1024 x 8 bits
No
I, E
OT
93LC76B
8
2.5-5.5
No
512 x 16 bits
No
I, E
OT
93LC76C
8
2.5-5.5
Yes
Selectable x8 or x16
Yes
I, E
P, SN, ST, MS, MC
93C76A
8
4.5-5.5
No
1024 x 8 bits
No
I, E
OT
93C76B
8
4.5-5.5
No
512 x 16 bits
No
I, E
OT
93C76C
8
4.5-5.5
Yes
Selectable x8 or x16
Yes
I, E
P, SN, ST, MS, MC
93XX86A/B/C
93AA86A
16
1.8-5.5
No
2048 x 8 bits
No
I
OT
93AA86B
16
1.8-5.5
No
1024 x 16 bits
No
I
OT
93AA86C
16
1.8-5.5
Yes
Selectable x8 or x16
Yes
I
P, SN, ST, MS, MC
93LC86A
16
2.5-5.5
No
2048 x 8 bits
No
I, E
OT
93LC86B
16
2.5-5.5
No
1024 x 16 bits
No
I, E
OT
93LC86C
16
2.5-5.5
Yes
Selectable x8 or x16
Yes
I, E
P, SN, ST, MS, MC
93C86A
16
4.5-5.5
No
2048 x 8 bits
No
I, E
OT
93C86B
16
4.5-5.5
No
1024 x 16 bits
No
I, E
OT
93C86C
16
4.5-5.5
Yes
Selectable x8 or x16
Yes
I, E
P, SN, ST, MS, MC
TABLE 1-1:
DEVICE SELECTION TABLE (CONTINUED)
Part Number
Density
(Kbits)
VCC
Range
ORG Pin
Organization
(Words)
PE Pin
Temp
Range
Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com